Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3228TMX Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FAN3228TMX
Szczegółowy opis  Dual 2A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3228TMX Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN3228TMX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN3228TMX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN3228TMX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN3228TMX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3228TMX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3228TMX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3228TMX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN3228TMX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN3228TMX_12 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229_F085 • Rev. 1.0.0
7
Electrical Characteristics
Unless otherwise noted, VDD=12V, TJ=-40°C to +125°C. Currents are defined as positive into the device and negative
out of the device.
Symbol
Parameter
Conditions
Min.
Typ. Max. Unit
Supply
VDD
Operating Range
4.5
18.0
V
IDD
Supply Current Inputs / EN
Not Connected
TTL
0.75
1.20
mA
CMOS
(8)
0.65
1.05
mA
VON
Turn-On Voltage
INA=ENA=VDD, INB=ENB=0V
3.4
3.9
4.5
V
VOFF
Turn-Off Voltage
INA=ENA=VDD, INB=ENB=0V
3.2
3.7
4.3
V
Inputs (FAN322xT)
(9)
VINL_T
INx Logic Low Threshold
0.8
1.2
V
VINH_T
INx Logic High Threshold
1.6
2.0
V
IINx_T
Non-inverting Input Current
IN = 0V
-1.5
1.5
µA
IINx_T
Non-inverting Input Current
IN = VDD
90
120
175.0
µA
IINx_T
Inverting Input Current
IN = 0V
-175.0
-120
-90
µA
IINx_T
Inverting Input Current
IN = VDD
-1.5
1.5
µA
VHYS_T
TTL Logic Hysteresis Voltage
0.2
0.4
0.8
V
Inputs (FAN322xC)
(9)
VINL_C
INx Logic Low Threshold
30
38
%VDD
VINH_C
INx Logic High Threshold
55
70
%VDD
IINx_C
Non-Inverting Input Current
IN = 0V
-1.5
1.5
µA
IINx_C
Non-Inverting Input Current
IN = VDD
90
120
175
µA
IINx_C
Inverting Input Current
IN = 0V
-175
-120
-90
µA
IINx_C
Inverting Input Current
IN = VDD
-1.5
1.5
µA
VHYS_C
CMOS Logic Hysteresis Voltage
17
%VDD
ENABLE (FAN3226C, FAN3226T, FAN3227C, FAN3227T)
VENL
Enable Logic Low Threshold
EN from 5V to 0V
0.8
1.2
V
VENH
Enable Logic High Threshold
EN from 0V to 5V
1.6
2.0
V
VHYS_T
TTL Logic Hysteresis Voltage
(10)
0.4
V
RPU
Enable Pull-up Resistance
(10)
100
kΩ
tD3
EN to Output Propagation Delay
(12)
0V to 5V EN, 1V/ns Slew Rate
8.5
19
34
ns
tD4
5V to 0V EN, 1V/ns Slew Rate
9
18
32
ns
Continued on the following page…


Podobny numer części - FAN3228TMX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN3228TMX-F085 ONSEMI-FAN3228TMX-F085 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
More results

Podobny opis - FAN3228TMX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com