Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G59L6X Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74AUP1G59L6X
Szczegółowy opis  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G59L6X Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74AUP1G59L6X Datasheet HTML 1Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 2Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G59 • Rev. 1.0.4
2
Pin Configurations
1
B
2
GND
3
6
5
4
A
C
VCC
Y
Figure 1. MicroPak™ (Top Through View)
Pin Definitions
Pin #
Name
Description
1
B
Data Input
2
GND
Ground
3
A
Data Input
4
Y
Output (Open Drain)
5
VCC
Supply Voltage
6
C
Data Input
Function Table
Inputs
Y=Output
C
B
A
L
L
L
L
L
L
H
H
(1)
L
H
L
L
L
H
H
H
(1)
H
L
L
H
(1)
H
L
H
H
(1)
H
H
L
L
H
H
H
L
H = HIGH Logic Level
L = LOW Logic Level
Note:
1.
High impedance output state, open drain.
Function Selection Table
2-Input Logic Function
Connection Configuration
2-Input AND with Inverted Input
Figure 3, Figure 4
2-Input NAND
Figure 2
2-Input NAND with Both Inputs Inverted
Figure 5
2-Input OR
Figure 5
2-Input OR Both Inputs Inverted
Figure 2
2-Input NOR with Inverted Input
Figure 3, Figure 4
2-Input XNOR
Figure 6
Inverter
Figure 7
Buffer
Figure 8


Podobny numer części - 74AUP1G59L6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74AUP1G59L6X ONSEMI-74AUP1G59L6X Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
More results

Podobny opis - 74AUP1G59L6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AUP1G56 FAIRCHILD-74AUP1G56 Datasheet
390Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com