Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5340 Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FAN5340
Szczegółowy opis  Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5340 Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5340 Datasheet HTML 4Page - Fairchild Semiconductor FAN5340 Datasheet HTML 5Page - Fairchild Semiconductor FAN5340 Datasheet HTML 6Page - Fairchild Semiconductor FAN5340 Datasheet HTML 7Page - Fairchild Semiconductor FAN5340 Datasheet HTML 8Page - Fairchild Semiconductor FAN5340 Datasheet HTML 9Page - Fairchild Semiconductor FAN5340 Datasheet HTML 10Page - Fairchild Semiconductor FAN5340 Datasheet HTML 11Page - Fairchild Semiconductor FAN5340 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5340 • Rev. 1.0.1
9
Circuit Description
Overview
The FAN5340 is an inductive current-mode boost serial LED
driver that achieves LED current regulation by maintaining
0.5V across RSET. The current through the LED string (ILED)
is therefore:
SET
LED
R
I
5
.
0
=
(1)
While the forward-voltage across the LEDs determines VOUT,
the FAN5340’s boost regulator output can also support
additional loads on VOUT (see Figure 21) provided its input
current limit is not exceeded.
Figure 21.
Maximum Output Current
vs. Input Voltage
UVLO and Soft-Start
If EN has been LOW for more than 20ms, the IC initiates a “cold
start” soft-start cycle when EN rises, provided VIN is above the
UVLO threshold. The soft-start circuit ramps the voltage
reference to the error amplifier to control inrush current.
PWM Dimming
When EN goes LOW, the IC turns off a MOSFET (Q3 in
Figure 2), which disconnects the LED load, preventing COUT
from being discharged when EN is LOW. As long as EN is
low for less than 20ms, the regulator’s main regulation loop
quickly regains control when EN returns to a HIGH state.
Short-Circuit Detection
If VOUT falls below VIN – 1.5V, Q3 turns off and remains off
until VOUT recovers to at least VIN – 1.3V.
Over-Voltage Protection
If the LED string is open circuit, FB remains at 0V and the
output voltage continues to increase in the absence of an
Over-Voltage Protection (OVP) circuit. The FAN5340’s OVP
circuit disables the boost regulator when VOUT exceeds
19.0V and continues to keep the regulator off until VOUT
drops below 18.2V.
Thermal Shutdown
If the die temperature exceeds 150°C, a reset occurs and
remains in effect until the die cools to 125°C, at which time
the circuit is allowed to begin the soft-start sequence.
Applications
Using VOUT to Drive Additional LED Strings
The VOUT pin can be used as a supply for simple current
sources (shown in Figure 22 using the FAN5640) or discrete
current sinks. To avoid dragging VOUT down when the EN pin
is LOW, the auxiliary strings should not be enabled unless
the EN pin is HIGH. The auxiliary strings can therefore be
PWM dimmed using either the same line as the EN line as
shown below or enabled separately, but within the on-time of
the FAN5340.
GND
RSET
FAN5640
1
2
3
6
5
4
IOUT1
EN
VIN
IOUT2
R1
FAN5340
FB
4
3
2
1
5
6
7
8
VLED
EN
GND
PGND
SW
VOUT
VIN
C
OUT
C
IN
R2
Figure 22.
Driving Additional LED Strings
If using VOUT to drive additional loads, care should be taken
not to exceed the input current limit. This limitation is shown in
Figure 21 for a typical IC. The total load (IOUT1 + IOUT2 + ILED)
should always remain below 70% of the value in Figure 21.


Podobny numer części - FAN5340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN53418 FAIRCHILD-FAN53418 Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
FAN53418M FAIRCHILD-FAN53418M Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
FAN5341UMPX FAIRCHILD-FAN5341UMPX Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
More results

Podobny opis - FAN5340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Texas Instruments
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com