Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5346 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FAN5346
Szczegółowy opis  Series Boost LED Driver with PWM Dimming Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5346 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5346 Datasheet HTML 4Page - Fairchild Semiconductor FAN5346 Datasheet HTML 5Page - Fairchild Semiconductor FAN5346 Datasheet HTML 6Page - Fairchild Semiconductor FAN5346 Datasheet HTML 7Page - Fairchild Semiconductor FAN5346 Datasheet HTML 8Page - Fairchild Semiconductor FAN5346 Datasheet HTML 9Page - Fairchild Semiconductor FAN5346 Datasheet HTML 10Page - Fairchild Semiconductor FAN5346 Datasheet HTML 11Page - Fairchild Semiconductor FAN5346 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5346 • Rev. 1.0.1
8
Typical Characteristics
VIN = 3.6V, TA = 25
°C, ILED = 25mA, L = 10µH, COUT = 1.0µF, and CIN = 10.0µF.
Figure 16. Shutdown Current vs. Input Voltage
Figure 17. Quiescent Current vs. Input Voltage
Figure 18. LED Current vs. Duty Cycle, fPWM = 20kHz
Figure 19. Line Transient Response for 5 LEDs
Figure 20. Line Transient Response for 6 LEDs
Figure 21. Line Transient Response for 7 LEDs
0.00
0.20
0.40
0.60
0.80
2.50
3.00
3.50
4.00
4.50
VIN (V)
225
230
235
240
245
250
255
260
265
2.50
3.00
3.50
4.00
4.50
VIN (V)
0
5
10
15
20
25
0
20406080
100
Duty Cycle (%)


Podobny numer części - FAN5346

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340MPX FAIRCHILD-FAN5340MPX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340UCX FAIRCHILD-FAN5340UCX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

Podobny opis - FAN5346

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
   LED Boost Driver with PWM
May, 2014
logo
Microchip Technology
HV9989 MICROCHIP-HV9989 Datasheet
624Kb / 22P
   Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Texas Instruments
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com