Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5345S30X Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN5345S30X
Szczegółowy opis  Series Boost LED Driver with Single-Wire Digital Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5345S30X Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN5345S30X Datasheet HTML 1Page - Fairchild Semiconductor FAN5345S30X Datasheet HTML 2Page - Fairchild Semiconductor FAN5345S30X Datasheet HTML 3Page - Fairchild Semiconductor FAN5345S30X Datasheet HTML 4Page - Fairchild Semiconductor FAN5345S30X Datasheet HTML 5Page - Fairchild Semiconductor FAN5345S30X Datasheet HTML 6Page - Fairchild Semiconductor FAN5345S30X Datasheet HTML 7Page - Fairchild Semiconductor FAN5345S30X Datasheet HTML 8Page - Fairchild Semiconductor FAN5345S30X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5345 • Rev. 1.0.0
5
Electrical Specifications
VIN = 2.5V to 5.5V and TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = +25°C and VIN = 3.6V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supplies
ISD
Shutdown Supply Current
EN = GND
0.30
0.90
A
IQ(ACTIVE)
Quiescent Current at ILOAD = 0mA
Device Not Switching, No Load
300
A
VUVLO
Under-Voltage Lockout Threshold
VIN Rising
2.10
2.35
2.60
V
VIN Falling
1.80
2.05
2.30
VUVHYST
Under-Voltage Lockout Hysteresis
250
mV
EN: Enable Pin
VIH
HIGH-Level Input Voltage
1.2
V
VIL
LOW-Level Input Voltage
0.4
V
REN
EN Pull-Down Resistance
200
300
400
k
TLO
EN Low Time for Dimming
(3)
VIN = 3.6V; Figure 28
0.5
300
µs
THI
Delay Between Steps
(3)
VIN = 3.6V; Figure 28
0.5
µs
TSD
EN Low, Shutdown Pulse Width
VIN = 3.6V; from Falling Edge of EN
1
ms
Feedback and Reference
VFB
Feedback Voltage
ILED = 20mA from -40°C to +85°C,
2.7V ≤ VIN ≤ 5.5V
230
250
270
mV
IFB
Feedback Input Current
VFB = 250mV
0.1
1.0
A
Power Outputs
RDS(ON)_Q1 Boost Switch On Resistance
VIN = 3.6V, ISW = 100mA
600
m
VIN = 2.5V, ISW = 100mA
650
ISW(OFF)
SW Node Leakage
(2)
EN = 0, VIN = VSW = VOUT = 5.5V, VLED =
0V
0.1
2.0
A
ILIM-PK
Boost Switch Peak Current Limit
FAN5345S20X: VIN = 3.2V to 4.3V, TA
= 20°C to +60°C, VF = 3.4V, 4 LEDs
200
300
400
mA
FAN5345S30X
500
750
1000
Oscillator
fSW
Boost Regulator Switching
Frequency
0.95
1.15
1.35
MHz
Output and Protection
VOVP
Boost Output Over-Voltage
Protection
FAN5345S20X
18.0
20.0
21.5
V
FAN5345S30X
27.5
30.0
32.5
OVP Hysteresis
FAN5345S20X
0.8
FAN5345S30X
1.0
VTLSC
VOUT Short-Circuit Detection
Threshold
VOUT Falling
VIN – 1.4
V
VTHSC
VOUT Short-Circuit Detection
Threshold
VOUT Rising
VIN – 1.2
V
DMAX
Maximum Boost Duty Cycle
(3,4)
85
%
DMIN
Minimum Boost Duty Cycle
(3,4)
20
TTSD
Thermal Shutdown
150
°C
THYS
Thermal Shutdown Hysteresis
35
°C
Notes:
2.
SW leakage current includes the leakage current of two internal switches; SW to GND and SW to VOUT.
3.
Not tested in production; guaranteed by design.
4.
Application should guarantee that minimum and maximum duty cycle fall between 20-85% to meet the specified range.


Podobny numer części - FAN5345S30X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340MPX FAIRCHILD-FAN5340MPX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340UCX FAIRCHILD-FAN5340UCX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

Podobny opis - FAN5345S30X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5343 FAIRCHILD-FAN5343 Datasheet
1Mb / 11P
   6-LED Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
[Old version datasheet]   LP5560 Programmable LED Driver With Single-Wire Interface
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com