Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5646UC00X Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FAN5646UC00X
Szczegółowy opis  Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5646UC00X Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FAN5646UC00X_11 Datasheet HTML 1Page - Fairchild Semiconductor FAN5646UC00X_11 Datasheet HTML 2Page - Fairchild Semiconductor FAN5646UC00X_11 Datasheet HTML 3Page - Fairchild Semiconductor FAN5646UC00X_11 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5646 • Rev. 1.0.2
11
Physical Dimensions
BOTTOM VIEW
SIDE VIEWS
TOP VIEW
RECOMMENDED LAND PATTERN
BALL A1
INDEX AREA
A1
0.005
CA B
F
(NSMD PAD TYPE)
B
A
0.378±0.018
0.208±0.021
NOTES:
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCE
PER ASME Y14.5M, 1994.
D. DATUM C IS DEFINED BY THE SPHERICAL
CROWNS OF THE BALLS.
E. PACKAGE NOMINAL HEIGHT IS 586 MICRONS
±39 MICRONS (547-625 MICRONS).
F. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. DRAWING FILNAME: MKT-UC004ACrev2.
0.03 C
2X
0.03 C
2X
1 2
A
B
F
0.40
0.40
(X)±0.018
SEATING PLANE
C
0.625
0.547
0.06 C
0.05 C
E
D
D
E
0.40
0.40
Ø0.20
Cu Pad
Ø0.30
Solder Mask
(Y)±0.018
Ø0.260±0.020
4X
Figure 15. 4-Bump WLCSP, 0.4mm Pitch
Product-Specific Dimensions
Product
D
E X Y
FAN5646UC
0.820mm
0.820mm
0.210mm
0.210mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty therein, which
covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Podobny numer części - FAN5646UC00X_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5646UC00X FAIRCHILD-FAN5646UC00X Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
More results

Podobny opis - FAN5646UC00X_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5646 FAIRCHILD-FAN5646 Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
[Old version datasheet]   LP5560 Programmable LED Driver With Single-Wire Interface
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Fairchild Semiconductor
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
logo
Micrel Semiconductor
MIC2873 MICREL-MIC2873 Datasheet
1Mb / 24P
   1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com