Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5701UC15X Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FAN5701UC15X
Szczegółowy opis  Compact 6-LED Driver for Mobile Platforms
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5701UC15X Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5701UC15X Datasheet HTML 3Page - Fairchild Semiconductor FAN5701UC15X Datasheet HTML 4Page - Fairchild Semiconductor FAN5701UC15X Datasheet HTML 5Page - Fairchild Semiconductor FAN5701UC15X Datasheet HTML 6Page - Fairchild Semiconductor FAN5701UC15X Datasheet HTML 7Page - Fairchild Semiconductor FAN5701UC15X Datasheet HTML 8Page - Fairchild Semiconductor FAN5701UC15X Datasheet HTML 9Page - Fairchild Semiconductor FAN5701UC15X Datasheet HTML 10Page - Fairchild Semiconductor FAN5701UC15X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5701 • Rev. 1.0.3
7
Typical Characteristics
VIN = 3.6V, TA = 25°C, ILED = 20mA, and LED cathode terminals = 0.4V.
Figure 4. Efficiency with LED Current of
8mA and 20mA
Figure 5. LED Current Match for all Six LED Channels
at ILED=20mA
Figure 6. LED Current Variation vs. Temperature
Figure 7. Shutdown Current vs. Input Voltage
Figure 8. Switching Frequency vs. Temperature
with LED Current of 20mA
Figure 9. PWM Dimming VIN=3.6V, ILEDx=20mA,
EN=1kHz with 20% Duty Cycle


Podobny numer części - FAN5701UC15X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5702 FAIRCHILD-FAN5702 Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC08X FAIRCHILD-FAN5702UC08X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC15X FAIRCHILD-FAN5702UC15X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC20X FAIRCHILD-FAN5702UC20X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC30X FAIRCHILD-FAN5702UC30X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
More results

Podobny opis - FAN5701UC15X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
   6-Parallel white-LED Driver for mobile phone
BD1601MUV ROHM-BD1601MUV Datasheet
329Kb / 6P
   6-Parallel white-LED Driver for mobile phone
logo
SpectraLinear Inc
W254B SPECTRALINEAR-W254B Datasheet
235Kb / 16P
   133MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD2812GU ROHM-BD2812GU Datasheet
132Kb / 5P
   RGB Illumination LED Driver for mobile phone
logo
Cypress Semiconductor
W254B CYPRESS-W254B Datasheet
254Kb / 17P
   133-MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD1603NUV ROHM-BD1603NUV_1 Datasheet
264Kb / 5P
   Charge Pump type LED driver for mobile instrument
BD1601MUV ROHM-BD1601MUV_1 Datasheet
276Kb / 5P
   4 - Parallel white-LED Driver for mobile phone
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
BD1604MVV ROHM-BD1604MVV Datasheet
322Kb / 6P
   4-Parallel white-LED Driver for mobile phone
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com