Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5701UMP30X Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN5701UMP30X
Szczegółowy opis  Compact 6-LED Driver for Mobile Platforms
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5701UMP30X Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN5701UMP30X Datasheet HTML 1Page - Fairchild Semiconductor FAN5701UMP30X Datasheet HTML 2Page - Fairchild Semiconductor FAN5701UMP30X Datasheet HTML 3Page - Fairchild Semiconductor FAN5701UMP30X Datasheet HTML 4Page - Fairchild Semiconductor FAN5701UMP30X Datasheet HTML 5Page - Fairchild Semiconductor FAN5701UMP30X Datasheet HTML 6Page - Fairchild Semiconductor FAN5701UMP30X Datasheet HTML 7Page - Fairchild Semiconductor FAN5701UMP30X Datasheet HTML 8Page - Fairchild Semiconductor FAN5701UMP30X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5701 • Rev. 1.0.3
4
UMLP Pin Configuration
Figure 3. UMLP-16, 0.5mm Pitch, 3mm x 3mm (Bottom View)
Pin Definitions
Pin #
Name
Description
11
VIN
Input Voltage
. Connect to 2.7 – 5.5VDC input power source.
6
GND
Ground
12
VOUT
Charge Pump Output Voltage
. Connect to LED Anodes.
10,9
C1+, C1–
C1
. Charge pump flying capacitor #1.
8,7
C2+, C2–
C2
. Charge pump flying capacitor #2.
1 ,2, 15,
16, 13, 14
D2A, D1A, D4A,
D3A, D6B, D5B
LED Inputs
4
EN
Enable
. When this pin is HIGH, normal operation is enabled. When LOW, the IC is reset and
all functions are disabled.
5
PWMA
Group-A PWM Dimming Input
3
PWMB
Group-B PWM Dimming Input


Podobny numer części - FAN5701UMP30X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5702 FAIRCHILD-FAN5702 Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC08X FAIRCHILD-FAN5702UC08X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC15X FAIRCHILD-FAN5702UC15X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC20X FAIRCHILD-FAN5702UC20X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC30X FAIRCHILD-FAN5702UC30X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
More results

Podobny opis - FAN5701UMP30X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
   6-Parallel white-LED Driver for mobile phone
BD1601MUV ROHM-BD1601MUV Datasheet
329Kb / 6P
   6-Parallel white-LED Driver for mobile phone
logo
SpectraLinear Inc
W254B SPECTRALINEAR-W254B Datasheet
235Kb / 16P
   133MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD2812GU ROHM-BD2812GU Datasheet
132Kb / 5P
   RGB Illumination LED Driver for mobile phone
logo
Cypress Semiconductor
W254B CYPRESS-W254B Datasheet
254Kb / 17P
   133-MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD1603NUV ROHM-BD1603NUV_1 Datasheet
264Kb / 5P
   Charge Pump type LED driver for mobile instrument
BD1601MUV ROHM-BD1601MUV_1 Datasheet
276Kb / 5P
   4 - Parallel white-LED Driver for mobile phone
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
BD1604MVV ROHM-BD1604MVV Datasheet
322Kb / 6P
   4-Parallel white-LED Driver for mobile phone
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com