Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDEC Arkusz danych(PDF) 4 Page - Radiometrix Ltd

Numer części KDEC
Szczegółowy opis  Code-hopping receiver with up to 5 relay outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RADIOMETRIX [Radiometrix Ltd]
Strona internetowa  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

KDEC Arkusz danych(HTML) 4 Page - Radiometrix Ltd

  KDEC_12 Datasheet HTML 1Page - Radiometrix Ltd KDEC_12 Datasheet HTML 2Page - Radiometrix Ltd KDEC_12 Datasheet HTML 3Page - Radiometrix Ltd KDEC_12 Datasheet HTML 4Page - Radiometrix Ltd KDEC_12 Datasheet HTML 5Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Radiometrix Ltd
KDEC
page 4
Function S0 =1
Message repeated....
75ms: end of message
120ms: function activated
Start of new message
S0 Output: Relay 1
RXD
Code-hopped messages – technical brief
Transmission format is 1250bps (nominal rate) Manchester encoding. Although the function-code is only 4
bits, total message length is 67 bits. This includes a 28-bit serial number and a 32-bit encrypted hop-code.
Note that the serial number and function code data is not encrypted. The correct status of the transmission is
used to validate the data. This is achieved through use of the ever changing hop-code (changes for every
new message) and by synchronising the KDEC to the transmitter(s) in use. Put another way: KDEC “Learns”
individual unique transmitters, as required by the user.
The hop-code is encrypted using the serial number of the transmitter plus the manufacturer code (64- bit),
which is kept secret and is not transmitted. The function-code (S0-S3) appears twice in the message and
forms a part of the hop-code encryption process.
If KDEC loses synchronisation with the transmitter (e.g. repeated transmitter activation whilst out of range)
then the transmitter must be activated twice with valid and sequential hop-codes before KDEC will allow the
control to be processed. The hop-code is only valid if it is within a forward window of +32768 activations. This
mechanism prevents “code-grabbers” from breaking the security of the system by recording and re-
broadcasting old codes. Additionally, KDEC allows up to 14 transmissions to occur whilst the transmitter is out
of range before two valid sequential transmissions are required to use the system. In practice a user may not
notice the latter, since human reaction to the unsuccessful attempt is simply to “press the button again”.
The level of redundancy and encryption in a message mean that, in simple terms, KDEC will only output a
function-code that has been received from a properly recognised and synchronised transmitter.
Figure 3: Timing diagram – showing action upon receiving a message with S0 = 1
The typical time delay between a “button-press” at the transmitter and relay activation by the KDEC board is
140ms.
Ordering Information
KDEC-xxx-000
Where “xxx” is frequency band in MHz – 433 is standard.
Please contact sales for other requirements.
Note
:
Whilst the KDEC will operate with both KFX and KTX transmitters regardless of Jumper settings, it is
recommended that Jumper T be placed in position A (or not fitted at all) when KDEC is used with 4
and 5 button Key-fobs. For these key-fobs, a combined function-code (S0, S2) is used as the code
for one of the buttons.


Podobny numer części - KDEC_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Radiometrix Ltd
KDEC RADIOMETRIX-KDEC Datasheet
431Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
More results

Podobny opis - KDEC_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Radiometrix Ltd
KDEC RADIOMETRIX-KDEC Datasheet
431Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
KRX416 RADIOMETRIX-KRX416 Datasheet
359Kb / 5P
   Code-hopping decoder with 4 outputs
KRX2 RADIOMETRIX-KRX2 Datasheet
141Kb / 9P
   UHF FM Code-Hopping Receiver Module
logo
Microchip Technology
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
TB003 MICROCHIP-TB003 Datasheet
100Kb / 12P
   An Introduction to KELLOQ짰 Code Hopping
1996 - 1999
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
   KEELOQ Code Hopping Encoder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
   KEELOQ Code Hopping Encoder
01/18/02
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
   KEELOQ CODE HOPPING ENCODER
1996
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com