Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1837M Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LB1837M
Szczegółowy opis  Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1837M Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LB1837M_10 Datasheet HTML 1Page - Sanyo Semicon Device LB1837M_10 Datasheet HTML 2Page - Sanyo Semicon Device LB1837M_10 Datasheet HTML 3Page - Sanyo Semicon Device LB1837M_10 Datasheet HTML 4Page - Sanyo Semicon Device LB1837M_10 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics at Ta=25 °C, VCC =6 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC0
During standby
0.1
10
µA
ICC1
(For one channel) During bidirectional operation
during control, load open
23
mA
ICC2
(For one channel) During bidirectional operation
during saturation, load open
35
mA
ICC3
During braking (for one channel)
6.5
9
mA
Output saturation voltage
Vsat1
IO = 100 mA (upper side + lower side)
0.3
0.4
V
Vsat2
IO = 200 mA (upper side + lower side)
0.4
0.55
V
Vsat3
IO = 200 mA (lower side)
0.07
0.10
0.15
V
Reference voltage
Vref
Ivref=1mA
1.85
2.0
2.15
V
Output voltage
voltage characteristics
∆VO
∆VCC
VO =5V,VCC = 5.5 to 9 V,
IO = 100 mA
20
mV
Output voltage
current characteristics
∆VO
∆ICC
VO =5V,VCC =6V,
IO =10to100 mA
50
mV
Input current
IIN
VIN = 5 V
90
150
µA
Output voltage
VO
Between OUT and GND
2.5xVC
2.7xVC
V
Equivalent Circuit Block Diagram
(For one channel)
Truth Table
Input
Output
Mode
IN 1/3
IN 2/4
OUT 1/3
OUT 2/4
L
L
OFF
OFF
Standby
HLHL
Constant-voltage
regulated forward
operation
LHLH
Constant-voltage
regulated reverse
operation
H
H
L
L
Brake
The constant-voltage regulated output VO (= voltage between H
side output and GND) is controlled by 2.5 x VC. The output is
in the saturated state when the VC input range is 0.2 to 6 V and
VO ^ VCC.
Pin Assignment
Thermal
Reference
voltage
Logic predriver
Note: Both GND pins must be grounded.
LB1837M
No.3948 -2/5


Podobny numer części - LB1837M_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1837M SANYO-LB1837M_12 Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
More results

Podobny opis - LB1837M_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1837M SANYO-LB1837M Datasheet
86Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1837M SANYO-LB1837M_12 Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1839M SANYO-LB1839M Datasheet
89Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1840M SANYO-LB1840M Datasheet
73Kb / 5P
   Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com