Zakładka z wyszukiwarką danych komponentów |
|
LB1946 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device |
|
LB1946 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device |
3 / 16 page LB1946 No.7115-3/16 AC Electrical Characteristics at VCC = 5V Ratings Parameter Symbol Conditions min typ max unit Clock frequency fclk VCC=5.0V 200 550 kHz Data setup time tDS VCC=5.0V 0.9 2.5 µs Data hold time tDH VCC=5.0V 0.9 2.5 µs Minimum clock high-level pulse width tSCH VCC=5.0V 0.9 2.5 µs Minimum clock low-level pulse width tSCL VCC=5.0V 0.9 2.5 µs SET pin stipulated time tlat VCC=5.0V 0.9 2.5 µs SET pin signal pulse width tlatw VCC=5.0V 1.9 5.0 µs VCC=3.3V Specification Absolute Maximum Ratings Parameter Symbol Conditions Ratings Unit Emitter output voltage VE 0.5 V Allowable Operating Ranges at Ta = 25 °C Parameter Symbol Conditions Ratings Unit Motor system supply voltage VBB 10 to 45 V Logic system supply voltage VCC 3.0 to 3.6 V Reference voltage VREF 0.0 to 1.0 V Electrical Characteristics at Ta = 25 °C, VCC = 3.3V, VBB = 45V, VREF = 1.0V Ratings Parameter Symbol Conditions min typ max unit Output Block IBB ON 1.6 2.4 3.5 mA Output stage supply current IBB OFF 1.3 1.9 2.5 mA Output saturation voltage 1 VOsat1 IO=+1.0A (sink) 1.3 1.7 V Output saturation voltage 2 VOsat2 IO=+1.5 A (sink) 1.6 2.0 V Output saturation voltage 3 VOsat3 IO=-1.0 A (source) 1.9 2.2 V Output saturation voltage 4 VOsat4 IO=-1.5 A (source) 2.2 2.4 V IO1 (leak) VO=VBB (sink) 50 µA Output leakage current IO2 (leak) VO=0V (source) -50 µA Output sustain voltage VO sus L=15mH IO=-1.5A * 45 V *Design guaranteed value Continued on next page. CLK SET D4 D5 D6 D10 D11 tDS tDH tSCL tSCH tlat fclk tlatw DATA |
Podobny numer części - LB1946_12 |
|
Podobny opis - LB1946_12 |