Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1946 Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LB1946
Szczegółowy opis  PWM Current Control Stepping Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1946 Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LB1946 Datasheet HTML 4Page - Sanyo Semicon Device LB1946 Datasheet HTML 5Page - Sanyo Semicon Device LB1946 Datasheet HTML 6Page - Sanyo Semicon Device LB1946 Datasheet HTML 7Page - Sanyo Semicon Device LB1946 Datasheet HTML 8Page - Sanyo Semicon Device LB1946 Datasheet HTML 9Page - Sanyo Semicon Device LB1946 Datasheet HTML 10Page - Sanyo Semicon Device LB1946 Datasheet HTML 11Page - Sanyo Semicon Device LB1946 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LB1946
No.7115-8/16
Serial Transmission Data Definitions
IA4
IA3
IA2
IA1
DE1
PH1
IB4
IB3
IB2
IB1
DE2
PH2
Output mode
No.
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
OUTA
OUTA-
OUTB
OUTB-
I/O
ratio
DEC
MODE
0
1
1
1
1
1
1
1
1
1
1
1
1
H
L
H
L
100%
SLOW
1
1
1
1
0
1
1
1
1
1
0
1
1
H
L
H
L
96
SLOW
2
1
1
0
1
1
1
1
1
0
1
1
1
H
L
H
L
91
SLOW
3
1
1
0
0
1
1
1
1
0
0
1
1
H
L
H
L
87
SLOW
4
1
0
1
1
1
1
1
0
1
1
1
1
H
L
H
L
83
SLOW
5
1
0
1
0
1
1
1
0
1
0
1
1
H
L
H
L
78
SLOW
6
1
0
0
1
1
1
1
0
0
1
1
1
H
L
H
L
74
SLOW
7
1
0
0
0
1
1
1
0
0
0
1
1
H
L
H
L
70
SLOW
8
0
1
1
1
1
1
0
1
1
1
1
1
H
L
H
L
61
SLOW
9
0
1
1
0
1
1
0
1
1
0
1
1
H
L
H
L
52
SLOW
10
0
1
0
1
1
1
0
1
0
1
1
1
H
L
H
L
44
SLOW
11
0
1
0
0
1
1
0
1
0
0
1
1
H
L
H
L
35
SLOW
12
0
0
1
1
1
1
0
0
1
1
1
1
H
L
H
L
26
SLOW
13
0
0
1
0
1
1
0
0
1
0
1
1
H
L
H
L
17
SLOW
14
1
1
1
1
0
0
1
1
1
1
0
0
L
H
L
H
100
FAST
15
1
1
1
0
0
0
1
1
1
0
0
0
L
H
L
H
96
FAST
16
1
1
0
1
0
0
1
1
0
1
0
0
L
H
L
H
91
FAST
17
1
1
0
0
0
0
1
1
0
0
0
0
L
H
L
H
87
FAST
18
1
0
1
1
0
0
1
0
1
1
0
0
L
H
L
H
83
FAST
19
1
0
1
0
0
0
1
0
1
0
0
0
L
H
L
H
78
FAST
20
1
0
0
1
0
0
1
0
0
1
0
0
L
H
L
H
74
FAST
21
1
0
0
0
0
0
1
0
0
0
0
0
L
H
L
H
70
FAST
22
0
1
1
1
0
0
0
1
1
1
0
0
L
H
L
H
61
FAST
23
0
1
1
0
0
0
0
1
1
0
0
0
L
H
L
H
52
FAST
24
0
1
0
1
0
0
0
1
0
1
0
0
L
H
L
H
44
FAST
25
0
1
0
0
0
0
0
1
0
0
0
0
L
H
L
H
35
FAST
26
0
0
1
1
0
0
0
0
1
1
0
0
L
H
L
H
26
FAST
27
0
0
1
0
0
0
0
0
1
0
0
0
L
H
L
H
17
FAST
28
0
0
0
0
*
*
0
0
0
0
*
*
OFF
OFF
OFF
OFF
0
-
Note *: Don't care (0 or 1)
Note 1: In the mixed decay mode, set D4 and D10 to 0 and set the MD pin to a level shown below.
Programmable MD voltage range
VCC=5V specifications: 1.6 to 3.9V
VCC=3.3V specifications: 1.2 to 2.5V
Current Settings Truth Table
* Items in parentheses are defined by the serial data.
IA4 (D0)
IA3 (D1)
IA2 (D2)
IA1 (D3)
Set Current IOUT
Current Ratio (%)
1
1
1
1
11.5/11.5
×VREF/3.04RE=IOUT
100
1
1
1
0
11.0/11.5
×VREF/3.04RE=IOUT
95.65
1
1
0
1
10.5/11.5
×VREF/3.04RE=IOUT
91.30
1
1
0
0
10.0/11.5
×VREF/3.04RE=IOUT
86.95
1
0
1
1
9.5/11.5
×VREF/3.04RE=IOUT
82.61
1
0
1
0
9.0/11.5
×VREF/3.04RE=IOUT
78.26
1
0
0
1
8.5/11.5
×VREF/3.04RE=IOUT
73.91
1
0
0
0
8.0/11.5
×VREF/3.04RE=IOUT
69.56
0
1
1
1
7.0/11.5
×VREF/3.04RE=IOUT
60.87
0
1
1
0
6.0/11.5
×VREF/3.04RE=IOUT
52.17
0
1
0
1
5.0/11.5
×VREF/3.04RE=IOUT
43.48
0
1
0
0
4.0/11.5
×VREF/3.04RE=IOUT
34.78
0
0
1
1
3.0/11.5
×VREF/3.04RE=IOUT
26.08
0
0
1
0
2.0/11.5
×VREF/3.04RE=IOUT
17.39
Note 1: The current ratios shown are calculated values.


Podobny numer części - LB1946

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946 Datasheet
387Kb / 16P
   LB1946
LB1946 SANYO-LB1946 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
More results

Podobny opis - LB1946

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com