Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK672-220-E Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części STK672-220-E
Szczegółowy opis  Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-220-E Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button STK672-220-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STK672-220-E
No.7465-7/10
t1: The time until the winding current reaches its rated current (IOH)
t2: The time in the constant-current control (PWM) region
t3: The time from the point a phase signal is cut until the back EMF current is dissipated.
t1 = (–L/(R + 0.4)) In (1 – ((R + 0.4)/VCC1) × IOH)
t3 = (–L/R) In ((VCC1 + 0.4) / (IOH × R + VCC1 + 0.4))
VCC1: Motor supply voltage (V)
L: Motor inductance (H)
R: Motor winding resistance (
Ω)
IOH: Set motor output current wave height (A)
The constant-current control time t2, and the time T (= t1 + t2 + t3) that the phase signal is on in each excitation mode
are as follows.
2 phase excitation mode: t2 = (2/Clock) – (t1 + t3)
1-2 phase excitation mode: t2 = (3/Clock) – t1
Determine the values for Vsat and Vdf by substitution using the graphs for Vsat vs IOH and Vdf vs IOH for the set
current value for IOH. Then judge whether or not a heat sink is required from the determined average power dissipation
for the STK672-220-E by comparison with the
ΔTc vs. Pd graph.
Note that it is necessary to check the temperature rise in the actual application system case, since the STK672-220-E
substrate temperature Tc changes with the air convection conditions around the STK672-220-E when a heat sink
without fins is used.
Motor current, IO - A
Vsat - IO
Motor current, If - A
Vdf - If
Substrate temperature, Tc - °C
IIH - Tc
Motor current, IOH - A
Vref - IOH
ITF02300
01
2
4
3
0
1.0
1.5
2.0
2.5
0.5
ITF02301
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.4
0
0.2
0.8
0.6
1.6
1.4
1.2
1.0
Tc
=1
05
°C
25
°C
105
°C
Tc=
25°
C
ITF02303
0
20
40
60
80
100
120
1000
7
5
3
2
100
7
5
3
2
10
0.1
7
5
3
2
1.0
7
5
3
2
ITF02302
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.6
0.5
0
0.1
0.4
0.3
0.2
IIH
IIL


Podobny numer części - STK672-220-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results

Podobny opis - STK672-220-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
logo
List of Unclassifed Man...
STK6980 ETC1-STK6980 Datasheet
108Kb / 2P
   4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER
logo
Sanyo Semicon Device
STK672-080-E SANYO-STK672-080-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 2.8A
logo
Toshiba Semiconductor
TB67S539FTG TOSHIBA-TB67S539FTG Datasheet
1Mb / 39P
   BiCD Constant-Current Two-Phase Bipolar Stepping Motor Driver IC
2022-06-21 Ver.1.1
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com