Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN21SV04 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN21SV04
Szczegółowy opis  TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV04 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN21SV04_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN21SV04_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN21SV04_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN21SV04_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN21SV04_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV04_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV04_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV04_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV04_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV04 • Rev. 1.0.3
5
Electrical Characteristics
Recommended operating conditions and using the circuit shown in Figure 1, with VIN, VIN_Reg=12 V, unless
otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
Operating Current
(VIN+VIN_Reg)
VIN=12 V, 5V_Reg Open, CLK Open,
fSW=500 KHz, No Load
22
30
mA
VIN_Reg Operating Current
EN=High, 5 V_Reg Open, CLK Open,
fSW=500 KHz
11
mA
VIN_Reg Quiescent Current
EN=High, FB=0.9 V
4
5
mA
VIN_Reg Standby Current
EN=0, VIN=12 V
1
mA
5V_Reg Output Voltage
Internal VCC Regulator, No Load,
6.5 V<VIN_Reg<24 V
4.7
5.0
5.3
V
5V_Reg Max. Current Load
VIN_Reg=12 V
5
mA
VIN_Reg UVLO Threshold
Rising VIN, VIN=VIN_Reg
5.6
6.3
V
Falling VIN, VIN=VIN_Reg
5
V
Reference
Reference Voltage measured
at FB (See Figure 4 for
Temperature Coefficient)
FAN21SV04MPX, TA=25°C
794
800
806
mV
FAN21SV04EMPX, TA=25°C
795
800
805
Oscillator
Frequency
RT=50 k
Ω to GND (Master Mode)
255
300
345
KHz
RT=24 k
Ω to GND (Master Mode)
540
600
660
Frequency in Slave Mode
Compared to Master Mode
RT=24 k
Ω to 50 kΩ to 5 V_Reg
(Slave Mode)
-15
+15
%
Minimum On Time
(2)
40
65
ns
Duty Cycle
VIN=6.5 V, fSW=600 KHz
80
85
%
Ramp Amplitude,
Peak–to-Peak
(2)
VIN=16 V, 1.8 VOUT, RT=30 k
Ω,
RRAMP=200 k
Ω
0.5
V
Minimum Off Time
(2)
100
150
ns
Synchronization
CLK Output Pulse Width
Master (RT to GND)
70
85
100
ns
CLK Output Sink Current
Master, VCLK=0.4 V
0.25
0.35
mA
CLK Output Source Current
Master, VCLK=2 V
-2.5
-2.0
mA
CLK Input Pulse Width
Slave: VCLK > 2 V
50
ns
CLK Input Source Current
Slave: VCLK=1 V
-230
-200
-170
µA
CLK Input Threshold, Rising
Slave
1.73
1.83
1.93
V
Soft-Start
VOUT to Regulation (T0.8)
Frequency=500 KHz
2.5
ms
Fault Enable/SSOK (T1.0)
3.1
ms
Error Amplifier
DC Gain
(2)
VIN_Reg > 6.5 V
80
85
dB
Gain Bandwidth Product
(2)
12
15
MHz
Output Voltage Swing (VCOMP)
0.4
4.0
V
Output Current, Sourcing
5V_Reg=5 V, VCOMP=2.2 V
1.5
2.2
2.5
mA
Output Current, Sinking
5V_Reg=5 V, VCOMP=1.2 V
0.8
1.2
1.5
mA
FB Bias Current
VFB=0.8 V, TA=25°C
-850
-650
-450
nA
Note:
2.
Specifications guaranteed by design and characterization; not production tested.


Podobny numer części - FAN21SV04_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN21SV04EMPX FAIRCHILD-FAN21SV04EMPX Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN21SV04MPX FAIRCHILD-FAN21SV04MPX Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
More results

Podobny opis - FAN21SV04_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com