Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN21SV06EMPX Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FAN21SV06EMPX
Szczegółowy opis  TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV06EMPX Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN21SV06EMPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV06 Rev. 1.0.3
10
Typical Performance Characteristics (Continued)
Typical operating characteristics using the circuit shown in Figure 10. VIN=12 V, unless otherwise specified.
Figure 18. CLK and VOUT at Startup
Figure 19. Transient Response, 3-6 A Load
Figure 20. Startup on Pre-Bias
Figure 21. Restart on Fault
Figure 22. Shutdown, 1 A Load
Figure 23. Slave (500 KHz Free-Run to 600 KHz
Synchronization)
VOUT
VOUT
PGood
IOUT
EN
VOUT
SW
SW
CLK
EN
CLK
SW
CLK
PGood
EN
VOUT


Podobny numer części - FAN21SV06EMPX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN21SV06EMPX FAIRCHILD-FAN21SV06EMPX Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results

Podobny opis - FAN21SV06EMPX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com