Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN48630UC315X Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN48630UC315X
Szczegółowy opis  2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48630UC315X Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN48630UC315X Datasheet HTML 1Page - Fairchild Semiconductor FAN48630UC315X Datasheet HTML 2Page - Fairchild Semiconductor FAN48630UC315X Datasheet HTML 3Page - Fairchild Semiconductor FAN48630UC315X Datasheet HTML 4Page - Fairchild Semiconductor FAN48630UC315X Datasheet HTML 5Page - Fairchild Semiconductor FAN48630UC315X Datasheet HTML 6Page - Fairchild Semiconductor FAN48630UC315X Datasheet HTML 7Page - Fairchild Semiconductor FAN48630UC315X Datasheet HTML 8Page - Fairchild Semiconductor FAN48630UC315X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48630 • Rev. 1.0.1
3
Pin Configuration
AGND
VIN
VSEL
PG
AGND
PGND
SW
VOUT
EN
B1
B2
C2
A1
A2
B3
A3
C3
D1
D2
D3
C1
A4
B4
C4
D4
BYP
Figure 3. Top Through View (Bumps Down)
Figure 4. Bottom View (Bumps Up)
Pin Definitions
Pin #
Name
Description
A1
EN
Enable. When this pin is HIGH, the circuit is enabled.
A2
PG
Power Good. This is an open-drain output. PG is actively pulled LOW if output falls out of
regulation due to overload or if thermal protection threshold is exceeded.
A3–A4
VIN
Input Voltage. Connect to Li-Ion battery input power source.
B1
VSEL
Output Voltage Select. When boost is running, this pin can be used to select output voltage.
B2, C2
D1
AGND
Analog Ground. This is the signal ground reference for the IC. All voltage levels are measured
with respect to this pin.
B3–B4
VOUT
Output Voltage. Place COUT as close as possible to the device.
C1
BYP
Bypass. This pin can be used to activate Forced Bypass Mode. When this pin is LOW, the
bypass switches (Q3 and Q1) are turned on and the IC is otherwise inactive.
C3–C4
SW
Switching Node. Connect to inductor.
D2–D4
PGND
Power Ground. This is the power return for the IC. The COUT bypass capacitor should be
returned with the shortest path possible to these pins.


Podobny numer części - FAN48630UC315X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN48630UC315X ONSEMI-FAN48630UC315X Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
More results

Podobny opis - FAN48630UC315X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN48630J ONSEMI-FAN48630J Datasheet
2Mb / 15P
   Synchronous Regulator with Bypass Mode, TINYBOOST짰, 2.5 MHz, 1500 mA
October, 2019 ??Rev. 2
FAN48623 ONSEMI-FAN48623 Datasheet
570Kb / 18P
   Synchronous TinyBoost Regulator with Bypass Mode
October-2017,Rev . 2
FAN48630 ONSEMI-FAN48630 Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com