Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN53600 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FAN53600
Szczegółowy opis  3 MHz, 600 mA / 1A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53600 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FAN53600 Datasheet HTML 1Page - Fairchild Semiconductor FAN53600 Datasheet HTML 2Page - Fairchild Semiconductor FAN53600 Datasheet HTML 3Page - Fairchild Semiconductor FAN53600 Datasheet HTML 4Page - Fairchild Semiconductor FAN53600 Datasheet HTML 5Page - Fairchild Semiconductor FAN53600 Datasheet HTML 6Page - Fairchild Semiconductor FAN53600 Datasheet HTML 7Page - Fairchild Semiconductor FAN53600 Datasheet HTML 8Page - Fairchild Semiconductor FAN53600 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53600 / FAN53610 • Rev. 1.0.0
2
Pin Configurations
C1
B1
A1
C2
B2
A2
MODE
SW
FB
VIN
EN
GND
Figure 2.
Bumps Facing Down
Figure 3.
Bumps Facing Up
Pin Definitions
Pin #
Name
Description
A1
MODE
MODE. Logic 1 on this pin forces the IC to stay in PWM Mode. Logic 0 allows the IC to automatically
switch to PFM Mode during light loads. The regulator also synchronizes its switching frequency to
two times the frequency provided on this pin. Do not leave this pin floating.
B1
SW
Switching Node. Connect to output inductor.
C1
FB
Feedback. Connect to output voltage.
C2
GND
Ground. Power and IC ground. All signals are referenced to this pin.
B2
EN
Enable. The device is in Shutdown Mode when voltage to this pin is <0.4 V and enabled when
>1.2 V. Do not leave this pin floating.
A2
VIN
Input Voltage. Connect to input power source.


Podobny numer części - FAN53600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN53600AUC28X ONSEMI-FAN53600AUC28X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN53600AUC33X ONSEMI-FAN53600AUC33X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results

Podobny opis - FAN53600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
   Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com