Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD86540 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDD86540
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 4.1 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86540 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDD86540 Datasheet HTML 1Page - Fairchild Semiconductor FDD86540 Datasheet HTML 2Page - Fairchild Semiconductor FDD86540 Datasheet HTML 3Page - Fairchild Semiconductor FDD86540 Datasheet HTML 4Page - Fairchild Semiconductor FDD86540 Datasheet HTML 5Page - Fairchild Semiconductor FDD86540 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.fairchildsemi.com
3
©2012 Fairchild Semiconductor Corporation
FDD86540 Rev. C
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0
1
23
45
0
30
60
90
120
VGS = 8 V
VGS = 6 V
VGS = 10 V
VGS = 5 V
VGS = 5.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
0
306090
120
0
2
4
6
8
V
GS = 8 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 6 V
V
GS = 5.5 V
V
GS = 5 V
V
GS = 10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
ID = 21.5 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC)
vs Junction Temperature
Figure 4.
45
6
78
9
10
0
5
10
15
20
TJ = 125 oC
ID = 21.5 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
23
4
5
67
0
30
60
90
120
TJ = 25 oC
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
200
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Podobny numer części - FDD86540

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD86540 ISC-FDD86540 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FDD86540

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDMS86540 FAIRCHILD-FDMS86540 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 3.4 m廓
FDMQ86530L FAIRCHILD-FDMQ86530L Datasheet
261Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 8 A, 17.5 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
logo
ON Semiconductor
FDMS86568-F085 ONSEMI-FDMS86568-F085 Datasheet
487Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 3.5 m廓
August-2017, Rev 3
logo
Fairchild Semiconductor
FDS86540 FAIRCHILD-FDS86540 Datasheet
262Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 18 A, 4.5 m廓
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
logo
ON Semiconductor
FDBL86566-F085 ONSEMI-FDBL86566-F085 Datasheet
505Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 240 A, 2.4 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS86520L FAIRCHILD-FDMS86520L Datasheet
269Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
FDMS86101 FAIRCHILD-FDMS86101_12 Datasheet
294Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 8 m廓
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com