Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1836M Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LB1836M
Szczegółowy opis  Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1836M Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LB1836M_12 Datasheet HTML 1Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 2Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 3Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 4Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 5Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ordering number : EN3947F
Monolithic Digital IC
Low-Saturation Bidirectional Motor
Driver for Low-Voltage Drive
LB1836M
Overview
The LB1836M is a low-saturation two-channel bidirectional motor driver IC for use in low-voltage applications.
The LB1836M is a bipolar stepper-motor driver IC that is ideal for use in printers, FDDs, cameras and other portable
devices.
Features
• Low voltage operation (2.5V min)
• Low saturation voltage (upper transistor + lower transistor residual voltage ; 0.40V typ at 400mA).
• Parallel connection (Upper transistor + lower transistor residual voltage ; 0.5V typ at 800mA).
• Separate logic power supply and motor power supply
• Brake function
• Spark killer diodes built in
• Thermal shutdown circuit built in
• Compact package (14-pin MFP)
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
-0.3 to +10.5
V
Maximum supply voltage
VS max
-0.3 to +10.5
V
Output supply voltage
VOUT
VS + VSF
V
Input supply voltage
VIN
-0.3 to +10
V
GND pin flow-out current
IGND
Per channel
1.0
A
Allowable power dissipation
Pd max
* Mounted on a board.
800
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a substrate: 30
×30×1.5mm3, glass epoxy board.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
31110 SY / 82207 MS / 71807 MS 20070709-S00001 / 70407 MS PC 20070611-S00003 / 21097HA(II) / D2293 / O0693(US) No.3947-1/6


Podobny numer części - LB1836M_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
More results

Podobny opis - LB1836M_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M-TLM-E ONSEMI-LB1836M-TLM-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1636M SANYO-LB1636M Datasheet
54Kb / 2P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1635M SANYO-LB1635M Datasheet
43Kb / 3P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1638 SANYO-LB1638 Datasheet
57Kb / 4P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com