Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74477110 Arkusz danych(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 74477110
Szczegółowy opis  POWER-CHOKE WE-PD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74477110 Arkusz danych(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74477110 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74477110 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74477110 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification :
A
12,7 ± 0,1
mm
B
16,0 ± 0,1
mm
C
24,0 ± 0,2
mm
+ 0,1
- 0,0
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
12,7 ± 0,1
mm
J
6,20 ± 0,1
mm
T
0,40 ± 0,05
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,2
mm
+ 0,5
- 1,0
d
100,0 ± 0,2
mm
PT
06-09-07
SST
05-06-22
MST
04-10-11
MST
03-12-10
RT
03-03-03
MST
02-03-27
JH
00-12-06
Name
Datum / date
SPEICHERDROSSEL WE-PD
POWER-CHOKE WE-PD
DATUM / DATE : 2005-06-22
Artikelnummer / part number :
74477110
Spezifikation für Freigabe / specification for release
Kunde / customer :
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
c
13,00
mm
D
mm
1,50
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
.................................................
.................................................................
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Änderung / modification
Version 1
Version 2
Version 3
Version 4
Version 5
Version 6
Version 7
J
I
T
Ø c
a
d
b
A
B
C
H
G
F
E
øD
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if
there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation
signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be
performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
xxx
xxx
LF
SEITE 3 VON 3


Podobny numer części - 74477110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74477110W WURTH-74477110W Datasheet
238Kb / 3P
   Spezifikation f체r Freigabe / specification for release
More results

Podobny opis - 74477110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7447709002 WURTH-7447709002 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
7447715180 WURTH-7447715180 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715330 WURTH-7447715330 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715470 WURTH-7447715470 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715906 WURTH-7447715906 Datasheet
122Kb / 4P
   POWER-CHOKE WE-PD
7447779003 WURTH-7447779003 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447779004 WURTH-7447779004 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447785133 WURTH-7447785133 Datasheet
598Kb / 3P
   POWER-CHOKE WE-PD
7447789147W WURTH-7447789147W Datasheet
279Kb / 3P
   POWER-CHOKE WE-PD
744770282 WURTH-744770282 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
744770222 WURTH-744770222 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com