Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744861018 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744861018
Szczegółowy opis  WE-TFCH Common Mode Power Line Choke (Horizontal)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744861018 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744861018 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861018 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861018 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861018 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861018 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861018 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2012-10-24
2012-09-17
2012-06-28
2012-05-01
DATE
SSt
SSt
SSt
SSt
BY
HasA
HasA
SSt
HasA
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TFCH Common Mode Power Line
Choke (Horizontal)
Order.- No.
744861018
SIZE
A4
A Dimensions: [mm]
B Recommended hole pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
DC Resistance
Rated voltage
Insulation test voltage
Test conditions
10 kHz/ 100 mV
@ 70°C
@ 20°C
50 Hz
50 Hz
L
IR
RDC
UR
UT
Value
2x 1.8
1.0
0.31
250
2000
Unit
mH
A
Ω
V (AC)
V (AC)
Tol.
+50/-30%
max.
max.
E General information:
It is recommended that the temperature of the part does
not exceed +125°C under worst case conditions.
Storage Temperature: -20°C to 60°C
Operating Temperature: -40°C to 125°C
Temperature Rise: < 55K
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 744861018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744861033 WURTH-744861033 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861056 WURTH-744861056 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861082 WURTH-744861082 Datasheet
835Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
More results

Podobny opis - 744861018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744861033 WURTH-744861033 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861120 WURTH-744861120 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861056 WURTH-744861056 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861250 WURTH-744861250 Datasheet
843Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861100 WURTH-744861100 Datasheet
435Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861082 WURTH-744861082 Datasheet
835Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861180 WURTH-744861180 Datasheet
831Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744834622 WURTH-744834622 Datasheet
597Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834433 WURTH-744834433 Datasheet
596Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834101 WURTH-744834101 Datasheet
593Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com