Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCX011AM Arkusz danych(PDF) 10 Page - Sony Corporation

Numer części LCX011AM
Szczegółowy opis  3.6cm (1.43-inch) LCD Panel (with microlens)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX011AM Arkusz danych(HTML) 10 Page - Sony Corporation

Back Button LCX011AM Datasheet HTML 6Page - Sony Corporation LCX011AM Datasheet HTML 7Page - Sony Corporation LCX011AM Datasheet HTML 8Page - Sony Corporation LCX011AM Datasheet HTML 9Page - Sony Corporation LCX011AM Datasheet HTML 10Page - Sony Corporation LCX011AM Datasheet HTML 11Page - Sony Corporation LCX011AM Datasheet HTML 12Page - Sony Corporation LCX011AM Datasheet HTML 13Page - Sony Corporation LCX011AM Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
– 10 –
LCX011AM
Electro-optical Characteristics
(Ta = 25°C, NTSC mode)
Item
Contrast ratio
60°C
60°C
25°C
60°C
25°C
60°C
25°C
60°C
0°C
25°C
0°C
25°C
60°C
25°C
25°C
CR60
Teff
RV90-25
GV90-25
BV90-25
RV90-60
GV90-60
BV90-60
RV50-25
GV50-25
BV50-25
RV50-60
GV50-60
BV50-60
RV10-25
GV10-25
BV10-25
RV10-60
GV10-60
BV10-60
ton0
ton25
toff0
toff25
F
YT60
CTK
130
60
1.0
1.0
1.1
1.0
1.0
1.1
1.3
1.4
1.5
1.4
1.4
1.5
1.7
1.7
1.8
1.7
1.8
1.8
200
70
1.3
1.4
1.5
1.3
1.4
1.5
1.6
1.7
1.8
1.7
1.7
1.8
2.1
2.1
2.2
2.1
2.2
2.2
30
12
100
30
–65
1.7
1.8
1.9
1.7
1.8
1.9
1.9
2.0
2.1
2.1
2.1
2.2
2.6
2.6
2.7
2.6
2.7
2.7
80
40
200
70
–40
0
5
1
2
3
4
5
6
7
%
V
ms
dB
s
%
Effective aperture ratio
V90
V50
V10
ON time
OFF time
V-T
characteristics
Response time
Flicker
Image retention time
Cross talk
Symbol
Measure-
ment
method
Min.
Typ.
Max.
Unit


Podobny numer części - LCX011AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results

Podobny opis - LCX011AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX021AM SONY-LCX021AM Datasheet
317Kb / 24P
   4.1cm (1.6-inch) LCD Panel (with microlens)
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Sony Corporation
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com