Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCX021 Arkusz danych(PDF) 6 Page - Sony Corporation

Numer części LCX021
Szczegółowy opis  4.1cm (1.6-inch) LCD Panel (with microlens)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021 Arkusz danych(HTML) 6 Page - Sony Corporation

Back Button LCX021 Datasheet HTML 2Page - Sony Corporation LCX021 Datasheet HTML 3Page - Sony Corporation LCX021 Datasheet HTML 4Page - Sony Corporation LCX021 Datasheet HTML 5Page - Sony Corporation LCX021 Datasheet HTML 6Page - Sony Corporation LCX021 Datasheet HTML 7Page - Sony Corporation LCX021 Datasheet HTML 8Page - Sony Corporation LCX021 Datasheet HTML 9Page - Sony Corporation LCX021 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
– 6 –
LCX021AM
Input Signals
1. Input signal voltage conditions (Vss = 0V)
Item
H shift register input voltage
HST, HCK1, HCK2, RGT
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVC
Vsig
Vcom
Vpsig
–0.5
4.5
6.8
VVC – 4.5
VVC – 0.5
VVC ± 4.3
0.0
5.0
7.0
7.0
VVC – 0.4
VVC ± 4.5
0.4
5.5
7.2
VVC + 4.5
VVC – 0.3
VVC ± 4.7
V
V
V
V
V
V
V shift register input voltage
MODE, BLK, VST, VCK,
PCG, ENB, DWN
Video signal center voltage
Video signal input range∗1
Common voltage of panel∗2
Uniformity improvement signal input
voltage (PSIGB, PSIGG, PSIGR)∗3
Symbol
Min.
Typ.
Max.
Unit
1 Video input signal shall be symmetrical to VVC.
2 The typical value of the common pad voltage may lower its suitable voltage according to the set
construction to use. In this case, use the voltage of which has maximum contrast as typical value. When the
typical value is lowered, the maximum and minimum values may lower.
3 Input a uniformity improvement signals PSIGB, PSIGG and PSIGR in the same polarity with video signals
SIGB1 to 6, SIGG1 to 6 and SIGR1 to 6 and which is symmetrical to VVC. Also, the rising and falling of
PSIGB, PSIGG and PSIGR are synchronized with the rising of PCG pulse, and the rise time trPSIG and fall
time tfPSIG are suppressed within 800ns (as shown in a diagram below).
PSIGB, PSIGG and PSIGR may change its suitable input voltage according to the drive conditions.
Uniformity Improvement Signals PSIGB, PSIGG and PSIGR Input Waveform
Level Conversion Circuit
The LCX021AM has a built-in level conversion circuit in the clock input unit on the panel. The input signal level
increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.
trPSIG
tfPSIG
VVC
PSIGB, G, R
PCG
90%
10%
VVIL
VVIH
–0.5
4.5
0.0
5.0
0.4
5.5
V
V


Podobny numer części - LCX021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX020 SONY-LCX020 Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023ELT SONY-LCX023ELT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
LCX023EMT SONY-LCX023EMT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results

Podobny opis - LCX021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX011AM SONY-LCX011AM Datasheet
427Kb / 23P
   3.6cm (1.43-inch) LCD Panel (with microlens)
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Sony Corporation
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com