Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS86252 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDS86252
Szczegółowy opis  N-Channel Power Trench짰 MOSFET 150 V, 4.5 A, 55 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS86252 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDS86252 Datasheet HTML 1Page - Fairchild Semiconductor FDS86252 Datasheet HTML 2Page - Fairchild Semiconductor FDS86252 Datasheet HTML 3Page - Fairchild Semiconductor FDS86252 Datasheet HTML 4Page - Fairchild Semiconductor FDS86252 Datasheet HTML 5Page - Fairchild Semiconductor FDS86252 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.fairchildsemi.com
3
©2011 Fairchild Semiconductor Corporation
FDS86252 Rev. C
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0
1
23
45
0
5
10
15
20
V
GS = 7 V
V
GS = 5.5 V
V
GS = 10 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
V
GS = 5 V
V
GS = 6 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
0
5
10
15
20
0
1
2
3
4
5
V
GS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 6 V
V
GS = 7 V
V
GS = 5.5 V
V
GS = 10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
ID = 4.5 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
45
6
78
9
10
0
40
80
120
160
200
TJ = 125 oC
ID = 4.5 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
23
45
6
7
0
5
10
15
20
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
20
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Podobny numer części - FDS86252

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS86240 FAIRCHILD-FDS86240 Datasheet
244Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 7.5 A, 19.8 m廓
FDS86242 FAIRCHILD-FDS86242 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDS86242 VBSEMI-FDS86242 Datasheet
990Kb / 9P
   N-Channel 150 V (D-S) MOSFET
More results

Podobny opis - FDS86252

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC86244 FAIRCHILD-FDC86244 Datasheet
301Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 2.3 A, 144 m廓
FDMC86244 FAIRCHILD-FDMC86244 Datasheet
324Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 9.4 A, 134 m廓
FDMS86200 FAIRCHILD-FDMS86200 Datasheet
319Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 49 A, 18 m廓
FDT86246 FAIRCHILD-FDT86246 Datasheet
232Kb / 6P
   N-Channel Power Trench짰 MOSFET 150 V, 2 A, 236 m廓
FDMC86248 FAIRCHILD-FDMC86248 Datasheet
262Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 13 A, 90 m廓
FDMC8884 FAIRCHILD-FDMC8884_12 Datasheet
358Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 15 A, 19 m廓
FDMS8622 FAIRCHILD-FDMS8622 Datasheet
278Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 16.5 A, 56 m廓
FDC8884 FAIRCHILD-FDC8884 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDMS86102LZ FAIRCHILD-FDMS86102LZ Datasheet
306Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 22 A, 25 m廓
FDC8886 FAIRCHILD-FDC8886 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com