Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FGB20N60SFD Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FGB20N60SFD
Szczegółowy opis  600V, 20A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB20N60SFD Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FGB20N60SFD Datasheet HTML 1Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 2Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 3Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 4Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 5Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 6Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 7Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 8Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FGB20N60SFD Rev. A
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
0.01.5
3.04.5
6.0
0
20
40
60
20V
TC = 25
oC
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
0.01.5
3.04.5
6.0
0
20
40
60
20V
TC = 125
oC
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
01
23
45
0
20
40
60
Common Emitter
VGE = 15V
TC = 25
oC
TC = 125
oC
Collector-Emitter Voltage, VCE [V]
46
8
10
12
0
20
40
60
Common Emitter
VCE = 20V
TC = 25
oC
TC = 125
oC
Gate-Emitter Voltage,VGE [V]
25
50
75
100
125
1
2
3
4
40A
20A
IC = 10A
Common Emitter
VGE = 15V
Collector-Emitter Case Temperature, TC [
oC]
0
4
8
121620
0
4
8
12
16
20
IC = 10A
20A
40A
Common Emitter
T
C = -40
oC
Gate-Emitter Voltage, VGE [V]


Podobny numer części - FGB20N60SFD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
More results

Podobny opis - FGB20N60SFD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
FGP20N60UFD FAIRCHILD-FGP20N60UFD Datasheet
746Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60SFD FAIRCHILD-FGH20N60SFD Datasheet
796Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD Datasheet
821Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD_11 Datasheet
1Mb / 9P
   600V, 20A Field Stop IGBT
logo
Rohm
RGTH40TS65D ROHM-RGTH40TS65D Datasheet
729Kb / 12P
   650V 20A Field Stop Trench IGBT
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH80N60FD FAIRCHILD-FGH80N60FD Datasheet
665Kb / 9P
   600V, 80A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com