Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCX037BLT Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części LCX037BLT
Szczegółowy opis  3.4cm (1.35 Type) Black-and-White LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX037BLT Arkusz danych(HTML) 1 Page - Sony Corporation

  LCX037BLT Datasheet HTML 1Page - Sony Corporation LCX037BLT Datasheet HTML 2Page - Sony Corporation LCX037BLT Datasheet HTML 3Page - Sony Corporation LCX037BLT Datasheet HTML 4Page - Sony Corporation LCX037BLT Datasheet HTML 5Page - Sony Corporation LCX037BLT Datasheet HTML 6Page - Sony Corporation LCX037BLT Datasheet HTML 7Page - Sony Corporation LCX037BLT Datasheet HTML 8Page - Sony Corporation LCX037BLT Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LCX037BLT
3.4cm (1.35 Type) Black-and-White LCD Panel
Description
The LCX037BLT is a 3.4cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with a built-in peripheral
driving circuit. Use of three LCX037BLT panels
provides a full-color representation. The striped
arrangement suitable for data display is capable of
displaying fine text and vertical lines.
The adoption of a new developed dot-line inverse
drive system, CMP (Chemical Mechanical Polish)
and OCS (On Chip Spacer) structures contribute to
high picture quality.
This panel has a polysilicon TFT high-speed
scanner and built-in function to display images
up/down and/or right/left inverse. The built-in 5V
interface circuit leads to lower voltage of timing and
control signals.
Features
• Number of active dots: 1,049,088 (1.35 Type, 3.4cm in diagonal)
• High optical transmittance: 16% (typ.)
• Dot-line inverse drive circuit
• OCS structure
• CMP (Chemical Mechanical Polish) structure
• High contrast ratio with normally white mode: 300 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
• Antidust glass package
Element Structure
• Dots: 1366 (H)
× 768 (V) = 1,049,088
• Built-in peripheral driver using polycrystalline silicon super thin film transistors
Applications
• Liquid crystal data projectors
• Liquid crystal multimedia projectors
• Liquid crystal rear-projector TVs, etc.
– 1 –
E00231-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
∗ The company's name and product's name in this data sheet is a trademark or a registered trademark of each company.


Podobny numer części - LCX037BLT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX037BL SONY-LCX037BL Datasheet
60Kb / 2P
   High Picture Quality 3.4 cm (1.35-Type) 1.05M-dot Wide XGA HDTV Projector LCD for the Coming Digital Age
More results

Podobny opis - LCX037BLT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com