Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQPF11N40C Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FQPF11N40C
Szczegółowy opis  400V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF11N40C Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FQPF11N40C_08 Datasheet HTML 1Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 2Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 3Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 4Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 5Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 6Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 7Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 8Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQP11N40C/FQPF11N40C Rev. C1
May 2008
QFET
®
FQP11N40C/FQPF11N40C
400V N-Channel MOSFET
Features
• 10.5 A, 400V, RDS(on) = 0.5 Ω @VGS = 10 V
• Low gate charge ( typical 28 nC)
• Low Crss ( typical 85pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect transis-
tors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advanced technology has been especially tailored to mini-
mize on-state resistance, provide superior switching perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
ciency switched mode power supplies, active power factor cor-
rection, electronic lamp ballasts based on half bridge topology.
Absolute Maximum Ratings
* Drain current limited by maximum junction temperature
Thermal Characteristics
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
S
D
G
Symbol
Parameter
FQP11N40C
FQPF11N40C
Units
VDSS
Drain-Source Voltage
400
V
ID
Drain Current
- Continuous (TC = 25°C)
10.5
10.5 *
A
- Continuous (TC = 100°C)
6.6
6.6 *
A
IDM
Drain Current
- Pulsed
(Note 1)
42
42 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
360
mJ
IAR
Avalanche Current
(Note 1)
11
A
EAR
Repetitive Avalanche Energy
(Note 1)
13.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
135
44
W
- Derate above 25°C
1.07
0.35
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP11N40C
FQPF11N40C
Units
RθJC
Thermal Resistance, Junction-to-Case
0.93
2.86
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W


Podobny numer części - FQPF11N40C_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQPF11N40CT FAIRCHILD-FQPF11N40CT Datasheet
709Kb / 10P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
More results

Podobny opis - FQPF11N40C_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com