Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części TIP32
Szczegółowy opis  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP32 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  TIP32_08 Datasheet HTML 1Page - Fairchild Semiconductor TIP32_08 Datasheet HTML 2Page - Fairchild Semiconductor TIP32_08 Datasheet HTML 3Page - Fairchild Semiconductor TIP32_08 Datasheet HTML 4Page - Fairchild Semiconductor TIP32_08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP32/TIP32A/TIP32B/TIP32C Rev. A
2
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300ms, Duty Cycle≤2%
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: TIP32
: TIP32A
: TIP32B
: TIP32C
IC = - 30mA, IB = 0
-40
-60
-80
-100
V
V
V
V
ICEO
Collector Cut-off Current
: TIP32/32A
: TIP32B/32C
VCE = - 30V, IB = 0
VCE = - 60V, IB = 0
- 0.3
- 0.3
mA
mA
ICES
Collector Cut-off Current
: TIP32
: TIP32A
: TIP32B
: TIP32C
VCE = - 40V, VEB = 0
VCE = - 60V, VEB = 0
VCE = - 80V, VEB = 0
VCE = - 100V, VCE = 0
- 200
- 200
- 200
- 200
μA
μA
μA
μA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 1
mA
hFE
* DC Current Gain
VCE = - 4V, IC = - 1A
VCE = - 4V, IC = - 3A
25
10
50
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 3A, IB = - 375mA
- 1.2
V
VBE(sat)
* Base-Emitter Saturation Voltage
VCE = - 4V, IC = - 3A
- 1.8
V
fT
Current Gain Bandwidth Product
VCE = - 10V, IC = - 500mA, f = 1MHz
3.0
MHz


Podobny numer części - TIP32_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TIP3220FAA VISHAY-TIP3220FAA Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP3220FAB VISHAY-TIP3220FAB Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP3220FAC VISHAY-TIP3220FAC Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP3220FAD VISHAY-TIP3220FAD Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP3220FAS VISHAY-TIP3220FAS Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
More results

Podobny opis - TIP32_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com