Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8621BC-B-IS Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części SI8621BC-B-IS
Szczegółowy opis  LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8621BC-B-IS Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button SI8621BC-B-IS Datasheet HTML 3Page - Silicon Laboratories SI8621BC-B-IS Datasheet HTML 4Page - Silicon Laboratories SI8621BC-B-IS Datasheet HTML 5Page - Silicon Laboratories SI8621BC-B-IS Datasheet HTML 6Page - Silicon Laboratories SI8621BC-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8621BC-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8621BC-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8621BC-B-IS Datasheet HTML 10Page - Silicon Laboratories SI8621BC-B-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Rev. 1.3
7
Si8610/20/21/22
Figure 1. Propagation Delay Timing
All Models
Output Rise Time
tr
CL =15pF
See Figure 1
—2.5
4.0
ns
Output Fall Time
tf
CL =15pF
See Figure 1
—2.5
4.0
ns
Peak Eye Diagram Jitter
tJIT(PK)
See Figure 6
350
ps
Common Mode Transient
Immunity
CMTI
VI =VDD or 0 V
35
50
kV/µs
Startup Time3
tSU
—15
40
µs
Table 2. Electrical Characteristics (Continued)
(VDD1 = 5 V ±10%, VDD2 = 5 V ±10%, TA =–40 to 125ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a
combination of the value of the on-chip series termination resistor and channel resistance of the output driver
FET. When driving loads where transmission line effects will be a factor, output pins should be appropriately
terminated with controlled impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units
operating at the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.
Typical
Input
tPLH
tPHL
Typical
Output
tr
tf
90%
10%
90%
10%
1.4 V
1.4 V


Podobny numer części - SI8621BC-B-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI8621BC-B-IS SILABS-SI8621BC-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
Si8621BC-B-IS SILABS-Si8621BC-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8621BC-B-IS SKYWORKS-SI8621BC-B-IS Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
More results

Podobny opis - SI8621BC-B-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com