Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLD327YT Arkusz danych(PDF) 3 Page - Sony Corporation

Numer części SLD327YT
Szczegółowy opis  3W High Power Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD327YT Arkusz danych(HTML) 3 Page - Sony Corporation

  SLD327YT Datasheet HTML 1Page - Sony Corporation SLD327YT Datasheet HTML 2Page - Sony Corporation SLD327YT Datasheet HTML 3Page - Sony Corporation SLD327YT Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
– 3 –
SLD327YT
Example of Representative Characteristics
θ⊥
Optical power output vs.
Forward current characteristics
Tth = 25°C
IF–Forward current [A]
0
1.5
3
4.5
6
7.5
5
4
3
2
1
Far field pattern
Angle [degree]
–40
–20
0
20
40
1.0
0.8
0.6
0.4
0.2
Tth = 25°C
PO = 3.0W
θ//
Oscillation wavelength
Wavelength [nm]
792
796
800
804
808
1.0
0.8
0.6
0.4
0.2
Tth = 25°C
PO = 3.0W
Thermistor characteristics
Tth–Thermistor temperature [°C]
–10 0
10
40
60
50
10
5
0
20
30
50
70
TE cooler characteristics
40
30
20
10
0
∆T–Temperature difference [°C]
0
20
40
60
80
20
15
10
5
0
Tc = 25°C
3A
2A
1A
1A
2A
3A
∆TvsV T = 4A
∆TvsQ
T = 4A
TE cooler characteristics
40
30
20
10
0
∆T–Temperature difference [°C]
0
20
40
60
80
20
15
10
5
0
Tc = 33°C
3A
2A
1A
1A
2A
3A
∆TvsV T = 4A
∆TvsQ
T = 4A
∆T
Tth
Tc
: Tc – Tth
: Thermistor temperature
: Case temperature
∆T
Tth
Tc
: Tc – Tth
: Thermistor temperature
: Case temperature


Podobny numer części - SLD327YT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-1 SONY-SLD322V-1 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-2 SONY-SLD322V-2 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-21 SONY-SLD322V-21 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-24 SONY-SLD322V-24 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
More results

Podobny opis - SLD327YT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bookham, Inc.
MU3-808-01 BOOKHAM-MU3-808-01 Datasheet
394Kb / 4P
   3W 808nm Uncooled Multimode Laser Diode Module
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Lumics GmbH
LU1030T030 LUMICS-LU1030T030 Datasheet
259Kb / 2P
   Industrial Laser Diode Up to 3w Operation Power @ 1030nm / 50um fiber
2018-06-14
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
RLT1550-30G ROITHNER-RLT1550-30G Datasheet
54Kb / 1P
   high power infrared laser diode
ADL-63V0BTP ROITHNER-ADL-63V0BTP Datasheet
248Kb / 1P
   high power red laser diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com