Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3439 Arkusz danych(PDF) 2 Page - Comset Semiconductor

Numer części 2N3439
Szczegółowy opis  HIGH VOLTAGE TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMSET [Comset Semiconductor]
Strona internetowa  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3439 Arkusz danych(HTML) 2 Page - Comset Semiconductor

  2N3439 Datasheet HTML 1Page - Comset Semiconductor 2N3439 Datasheet HTML 2Page - Comset Semiconductor 2N3439 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N
NP
PN
N 2N3439 – 2N3440
08/08/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff
Current
VCB = 360 V, IE = 0
2N3439
-
-
20
µA
VCB = 250 V, IE = 0
2N3440
ICEO
Collector Cutoff
Current
VCE = 300 V, IB = 0
2N3439
-
-
20
µA
VCE = 200 V, IB = 0
2N3440
-
-
50
ICEX
Collector Cutoff
Current
VCE = 450 V, VBE = -1.5 V 2N3439
-
-
500
µA
VCE = 300 V, VBE = -1.5 V 2N3440
IEBO
Emitter Cutoff
Current
VBE = 6 V, IC = 0
2N3439
-
-
20
µA
2N3440
VCEO
Collector-emitter
Breakdown Voltage
IC = 50 mA, IB = 0
2N3439
350
-
-
V
2N3440
250
-
-
hFE
DC Current Gain
IC = 2 mA, VCE = 10 V
2N3439
30
-
-
-
IC = 20 mA, VCE = 10 V
2N3439
40
-
160
2N3440
VCE(SAT)
Collector-Emitter
saturation Voltage
IC = 50 mA, IB = 4 mA
-
-
0.5
V
VBE(SAT)
Base-Emitter
saturation Voltage
IC = 50 mA, IB = 4 mA
-
-
1.3
V
fT
Transition frequency
IC = 10 mA, VCB = 10 V
f = 5 MHz
15
-
-
MHz
Cob
Output Capacitance
VCB = 10 V, f = 1MHz
-
-
10
pF


Podobny numer części - 2N3439

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
2N3439 STMICROELECTRONICS-2N3439 Datasheet
66Kb / 4P
   SILICON NPN TRANSISTORS
June 1997
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
   NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3439 BOCA-2N3439 Datasheet
262Kb / 6P
   HIGH VOLTAGE AMPLIFIERS
More results

Podobny opis - 2N3439

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com