Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5409 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG5409
Szczegółowy opis  High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5409 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG5409 Datasheet HTML 5Page - Analog Devices ADG5409 Datasheet HTML 6Page - Analog Devices ADG5409 Datasheet HTML 7Page - Analog Devices ADG5409 Datasheet HTML 8Page - Analog Devices ADG5409 Datasheet HTML 9Page - Analog Devices ADG5409 Datasheet HTML 10Page - Analog Devices ADG5409 Datasheet HTML 11Page - Analog Devices ADG5409 Datasheet HTML 12Page - Analog Devices ADG5409 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADG5408/ADG5409
Rev. B | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
+0.3 V to −48 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, Sx or D Pins
ADG5408
370 mA (pulsed at 1 ms, 10%
duty cycle maximum)
ADG5409
275 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current, Sx or D2
Data + 15%
Temperature Range
Operating
−40°C to +125°C
Storage
−65°C to +150°C
Junction Temperature
150°C
Thermal Impedance, θJA
16-Lead TSSOP (4-Layer
Board)
112.6°C/W
16-Lead LFCSP (4-Layer
Board)
30.4°C/W
Reflow Soldering Peak
Temperature, Pb Free
260(+0/−5)°C
1
Overvoltages at the Ax, EN, Sx, and D pins are clamped by internal diodes.
Limit current to the maximum ratings given.
2
See Table 5.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION


Podobny numer części - ADG5409

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5409 AD-ADG5409 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5409 AD-ADG5409 Datasheet
135Kb / 4P
   Devices Connected
ADG5409BCPZ-REEL7 AD-ADG5409BCPZ-REEL7 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5409BRUZ AD-ADG5409BRUZ Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5409BRUZ-REEL7 AD-ADG5409BRUZ-REEL7 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
More results

Podobny opis - ADG5409

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5408 AD-ADG5408 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
441Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
ADG5298 AD-ADG5298 Datasheet
563Kb / 20P
   High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5204 AD-ADG5204 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com