Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG528AKP-REEL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADG528AKP-REEL
Szczegółowy opis  CMOS Latched 4-/8-Channel Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG528AKP-REEL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADG528AKP-REEL Datasheet HTML 2Page - Analog Devices ADG528AKP-REEL Datasheet HTML 3Page - Analog Devices ADG528AKP-REEL Datasheet HTML 4Page - Analog Devices ADG528AKP-REEL Datasheet HTML 5Page - Analog Devices ADG528AKP-REEL Datasheet HTML 6Page - Analog Devices ADG528AKP-REEL Datasheet HTML 7Page - Analog Devices ADG528AKP-REEL Datasheet HTML 8Page - Analog Devices ADG528AKP-REEL Datasheet HTML 9Page - Analog Devices ADG528AKP-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
–6–
ADG528A/ADG529A
TRUTH TABLES
A2 A1 A0 EN
WR RS ON SWITCH PAIR
XXXX
1Retains Previous Switch Condition
XXXX
X
0
NONE (Address and Enable
Latches Cleared)
XXX0
0
1
NONE
0001
0
1
1
0011
0
1
2
0101
0
1
3
0111
0
1
4
1001
0
1
5
1011
0
1
6
1101
0
1
7
1111
0
1
8
X = Don’t Care
ADG528A
A1 A0 EN
WR RS ON SWITCH PAIR
XXX
1Retains Previous Switch Condition
XXX
X0
NONE (Address and Enable Latches
Cleared)
XX0
01
NONE
001
0
1
1
011
0
1
2
101
0
1
3
111
0
1
4
X = Don’t Care
ADG529A
TIMING DIAGRAMS
Figure 1.
Figure 2.
Figure 1 shows the timing sequence for latching the switch
address and enable inputs. The latches are level sensitive; there-
fore, while
WR is held low, the latches are transparent and the
switches respond to the address and enable inputs. This input
data is latched on the rising edge of
WR.
Figure 2 shows the Reset Pulse Width, tRS, and Reset Turn-off
Time, tOFF (RS).
Note: All digital input signals rise and fall times measured from
10% to 90% of 3 V. tR = tF = 20 ns.


Podobny numer części - ADG528AKP-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG528AKP-REEL AD-ADG528AKP-REEL Datasheet
146Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKP-REEL AD-ADG528AKP-REEL Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results

Podobny opis - ADG528AKP-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKPZ AD-ADG528AKPZ Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKNZ AD-ADG528AKNZ Datasheet
146Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A Datasheet
673Kb / 8P
   CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS
REV. A
5962-8971001XA AD-5962-8971001XA Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
ADG527A AD-ADG527A_15 Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A_08 Datasheet
422Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com