Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5408BRUZ-REEL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG5408BRUZ-REEL7
Szczegółowy opis  High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5408BRUZ-REEL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG5408BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG5408BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG5408BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG5408BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG5408BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG5408BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG5408BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG5408BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices ADG5408BRUZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADG5408/ADG5409
Rev. B | Page 11 of 24
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
VSS
S1A
S4A
S3A
S2A
A0
GND
VDD
S1B
S4B
DA
DB
S3B
S2B
A1
ADG5409
TOP VIEW
(Not to Scale)
Figure 4. ADG5409 Pin Configuration (TSSOP)
1
VSS
2
S1A
3
S2A
4
S3A
11 S1B
12 VDD
10 S2B
9
S3B
NOTES
1. THE EXPOSED PAD IS
CONNECTED INTERNALLY. FOR
INCREASED RELIABILITY OF THE
SOLDER JOINTS AND MAXIMUM
THERMAL CAPABILITY, IT IS
RECOMMENDED THAT THE PAD BE
SOLDERED TO THE SUBSTRATE, VSS.
TOP VIEW
(Not to Scale)
ADG5409
Figure 5. ADG5409 Pin Configuration (LFCSP)
Table 10. ADG5409 Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When low, the device is disabled and all switches are off. When high,
Ax logic inputs determine on switches.
3
1
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be connected
to ground.
4
2
S1A
Source Terminal 1A. This pin can be an input or an output.
5
3
S2A
Source Terminal 2A. This pin can be an input or an output.
6
4
S3A
Source Terminal 3A. This pin can be an input or an output.
7
5
S4A
Source Terminal 4A. This pin can be an input or an output.
8
6
DA
Drain Terminal A. This pin can be an input or an output.
9
7
DB
Drain Terminal B. This pin can be an input or an output.
10
8
S4B
Source Terminal 4B. This pin can be an input or an output.
11
9
S3B
Source Terminal 3B. This pin can be an input or an output.
12
10
S2B
Source Terminal 2B. This pin can be an input or an output.
13
11
S1B
Source Terminal 1B. This pin can be an input or an output.
14
12
VDD
Most Positive Power Supply Potential.
15
13
GND
Ground (0 V) Reference.
16
14
A1
Logic Control Input.
EP
Exposed
Pad
The exposed pad is connected internally. For increased reliability of the solder joints and maximum
thermal capability, it is recommended that the pad be soldered to the substrate, VSS.
Table 11. ADG5409 Truth Table
A1
A0
EN
On Switch Pair
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4


Podobny numer części - ADG5408BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5408BRUZ-REEL7 AD-ADG5408BRUZ-REEL7 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
More results

Podobny opis - ADG5408BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5408 AD-ADG5408 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
441Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
ADG5298 AD-ADG5298 Datasheet
563Kb / 20P
   High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5204 AD-ADG5204 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com