Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5436 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADG5436
Szczegółowy opis  High Voltage Latch-Up Proof, Dual SPDT Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5436 Arkusz danych(HTML) 3 Page - Analog Devices

  ADG5436_11 Datasheet HTML 1Page - Analog Devices ADG5436_11 Datasheet HTML 2Page - Analog Devices ADG5436_11 Datasheet HTML 3Page - Analog Devices ADG5436_11 Datasheet HTML 4Page - Analog Devices ADG5436_11 Datasheet HTML 5Page - Analog Devices ADG5436_11 Datasheet HTML 6Page - Analog Devices ADG5436_11 Datasheet HTML 7Page - Analog Devices ADG5436_11 Datasheet HTML 8Page - Analog Devices ADG5436_11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG5436
Rev. A | Page 3 of 20
SPECIFICATIONS
±15 V DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
9.8
Ω typ
VS = ±10 V, IS = −10 mA; see Figure 25
11
14
16
Ω max
VDD = +13.5 V, VSS = −13.5 V
On-Resistance Match
Between Channels, ∆RON
0.35
Ω typ
VS = ±10 V , IS = −10 mA
0.7
0.9
1.1
Ω max
On-Resistance Flatness, RFLAT (ON)
1.2
Ω typ
VS = ±10 V, IS = −10 mA
1.6
2
2.2
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.05
nA typ
VS = ±10 V, VD = 10 V; see Figure 28
±0.25
±0.75
±3.5
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = ±10 V, VD = 10 V; see Figure 28
±0.4
±2
±12
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = ±10 V; see Figure 24
±0.4
±2
±12
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
µA typ
VIN = VGND or VDD
±0.1
µA max
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
170
ns typ
RL = 300 Ω, CL = 35 pF
235
285
316
ns max
VS = 10 V; see Figure 31
tON
173
ns typ
RL = 300 Ω, CL = 35 pF
230
280
351
ns max
VS = 10 V; see Figure 33
tOFF
124
ns typ
RL = 300 Ω, CL = 35 pF
160
193
218
ns max
VS = 10 V; see Figure 33
Break-Before-Make Time Delay, tD
55
ns typ
RL = 300 Ω, CL = 35 pF
18
ns min
VS1 = VS2 = 10 V; see Figure 32
Charge Injection, QINJ
200
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
see Figure 34
Off Isolation
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 27
Channel-to-Channel Crosstalk
−58
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 26
Total Harmonic Distortion + Noise
0.009
% typ
RL = 1 kΩ, 15 V p-p, f = 20 Hz to 20 kHz;
see Figure 29
−3 dB Bandwidth
102
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 30
Insertion Loss
−0.7
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 30
CS (Off)
18
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
62
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
83
pF typ
VS = 0 V, f = 1 MHz


Podobny numer części - ADG5436_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5436BCPZ-REEL7 AD-ADG5436BCPZ-REEL7 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5436BRUZ AD-ADG5436BRUZ Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5436BRUZ-REEL7 AD-ADG5436BRUZ-REEL7 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5436F AD-ADG5436F Datasheet
1Mb / 30P
   Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
ADG5436F AD-ADG5436F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
More results

Podobny opis - ADG5436_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5419 AD-ADG5419 Datasheet
309Kb / 19P
   High Voltage Latch-Up Proof, Single SPDT Switch
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com