Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5412BCPZ-REEL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADG5412BCPZ-REEL7
Szczegółowy opis  High Voltage Latch-Up Proof, Quad SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5412BCPZ-REEL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADG5412BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG5412BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG5412BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG5412BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG5412BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG5412BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG5412BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG5412BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG5412BCPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG5412/ADG5413
Rev. A | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10
12
14
16
–20
–15
–10
10
–5
0
5
10
15
20
VS, VD (V)
TA = 25°C
VDD = +9V
VSS = –9V
VDD = +10V
VSS = –10V
VDD = +13.5V
VSS = –13.5V
VDD = +15V
VSS = –15V
VDD = +16.5V
VSS = –16.5V
VDD = +11V
VSS = –11V
Figure 4. RON as a Function of VS, VD (Dual Supply)
0
2
4
6
8
10
12
–25
–20
–15
–10
–5
0
5
10
15
20
25
VS, VD (V)
TA = 25°C
VDD = +18V
VSS = –18V
VDD = +20V
VSS = –20V
VDD = +22V
VSS = –22V
Figure 5. RON as a Function of VS, VD (Dual Supply)
0
5
10
15
20
25
0
2
4
6
8
101214
VS, VD (V)
TA = 25°C
VDD = +9V
VSS = 0V
VDD = +10V
VSS = 0V
VDD = 10.8V
VSS = 0V
VDD = 11V
VSS = 0V
VDD = 13.2V
VSS = 0V
VDD = 12V
VSS = 0V
Figure 6. RON as a Function of VS, VD (Single Supply)
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
40
45
TA = 25°C
VDD = 32.4V
VSS = 0V
VDD = 36V
VSS = 0V
VDD = 39.6V
VSS = 0V
VS, VD (V)
Figure 7. RON as a Function of VS, VD (Single Supply)
0
2
4
6
8
10
12
14
18
16
–15
–10
–5
0
5
10
15
VS, VD (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = +15V
VSS = –15V
Figure 8. RON as a Function of VS (VD) for Different Temperatures,
±15 V Dual Supply
0
2
4
6
8
10
12
14
16
–20
–15
–10
–5
0
5
10
15
20
VS, VD (V)
VDD = +20V
VSS = –20V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. RON as a Function of VS (VD) for Different Temperatures,
±20 V Dual Supply


Podobny numer części - ADG5412BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5412BCPZ-REEL7 AD-ADG5412BCPZ-REEL7 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
More results

Podobny opis - ADG5412BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5401 AD-ADG5401 Datasheet
375Kb / 17P
   High Voltage Latch-Up Proof, Single SPST Switch
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com