Zakładka z wyszukiwarką danych komponentów |
|
STD02WL Arkusz danych(PDF) 11 Page - Tyco Electronics |
|
STD02WL Arkusz danych(HTML) 11 Page - Tyco Electronics |
11 / 85 page HX-SCE Low fire hazard heat-shrinkable wire identification sleeves 11 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Technical Information P Prriin ntt M Me etth ho od d/ /R Riib bb bo on n:: T312M-PRINTER with 1966-RIBBON or T212M-PRINTER with T200-1966-RIBBON S Se errv viic ce e T Te em mp pe erra attu urre e -30˚C to +105˚C (-22˚F to +221˚F) M Miin niim mu um m S Sh hrriin nk k T Te em mp pe erra attu urre e 136˚C (275˚F) C Co ollo orrss:: White or yellow. Other colors available on request. F Flla am mm ma ab biilliitty y:: S Se ellff--e ex xttiin ng gu uiissh hiin ng g -- (ASTM D2671 Procedure B). O Ox xy yg ge en n IIn nd de ex x ((B BS S6 68 85 53 3:: P Pa assss 3 34 4% % M Miin n..)) -- (BS EN ISO 4589-2 [1999]). (AFNOR NF F 16-101 Class 12). D Drriip pp piin ng g C Clla assssiiffiic ca attiio on n S ST T2 2 -- (DIN 5510-2) S Sm mo ok ke e:: A A0 0--0 0..0 01 17 7 M Ma ax x.. (BS 6853 [1999] Annex D [D.8.3] Small scale test S Sm mo ok ke e IIn nd de ex x D De ette errm miin na attiio on n ((IIF F)) M Ma ax xiim mu um m 0 0,, S Sm mo ok ke e C Clla assss F F1 1 - (AFRNOR NF F 16-101-1988 Smoke Index) T To ox xiic ciitty y:: R R < < 1 1 - (BS 6853 [1999] Annex B - AFNOR NF X 70-100 Determination of weighted summation of toxic fume, mass based method) L LU UL L T To ox xiid d F Fu um me e:: N No o.. H Ha allo og ge en nss,, N No o.. P P,, S S o orr N N sso ou urrc ce ess a ab bo ov ve e ttrra ac ce e lle ev ve ell -- (LUL E1042: A6 [2002]) - London Underground Standard 2-01001-002, section 5.2.3 Chemical composition/toxicity) T To ox xiic ciitty y IIn nd de ex x = = 0 0..3 34 4 - (CEI 20-37-7-09-1997 Determination of toxicity index of gasses from combustion of organic material D Diie elle ec cttrriic c S Sttrre en ng gtth h:: 15V/mm minimum. W Wa atte err A Ab bsso orrp pttiio on n 11% maximum after 24 hours at 23C (73˚F) C Co op pp pe err M Miirrrro orr C Co orrrro ossiio on n:: 8% maximum after 16 hours of 150˚C (302˚F) L Lo on ng giittu ud diin na all C Ch ha an ng ge e:: +5% to -10%. T Te en nssiille e S Sttrre en ng gtth h:: 7MPa minimum. U Ullttiim ma atte e E Ello on ng ga attiio on n:: 80% minimum. S Se ec ca an ntt M Mo od du ullu uss:: 200MPa mimum at 2% elongation. U UL L R Re essiisstta an nc ce e:: Tensile strength >90% & ultimate elongation >40% or original value after 1000 hours (ASTM G53: UVA [100% dry cycle]; UVB [8 hours dry/4 hours wet cycle]). P Prriin ntt P Pe errm ma an ne en nc ce e:: ADHERENCE - Meets the requirements of SE AS81531 4.6.2 (50 rubs). FLUID RESISTANCE - Meets the requirements of MIL-STD-202 method 215J. |
Podobny numer części - STD02WL |
|
Podobny opis - STD02WL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |