Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM24V10-GTR Arkusz danych(PDF) 1 Page - Cypress Semiconductor

Numer części FM24V10-GTR
Szczegółowy opis  1Mb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V10-GTR Arkusz danych(HTML) 1 Page - Cypress Semiconductor

  FM24V10-GTR Datasheet HTML 1Page - Cypress Semiconductor FM24V10-GTR Datasheet HTML 2Page - Cypress Semiconductor FM24V10-GTR Datasheet HTML 3Page - Cypress Semiconductor FM24V10-GTR Datasheet HTML 4Page - Cypress Semiconductor FM24V10-GTR Datasheet HTML 5Page - Cypress Semiconductor FM24V10-GTR Datasheet HTML 6Page - Cypress Semiconductor FM24V10-GTR Datasheet HTML 7Page - Cypress Semiconductor FM24V10-GTR Datasheet HTML 8Page - Cypress Semiconductor FM24V10-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 3.0
Jan. 2012
Page 1 of 16
FM24V10
1Mb Serial 3V F-RAM Memory
Features
1M bit Ferroelectric Nonvolatile RAM
Organized as 131,072 x 8 bits
High Endurance 100 Trillion (10
14) Read/Writes
10 year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Fast Two-wire Serial Interface
Up to 3.4 MHz maximum bus frequency
Direct hardware replacement for EEPROM
Supports legacy timing for 100 kHz & 400 kHz
Device ID and Serial Number
Device ID reads out Manufacturer ID & Part ID
Unique Serial Number (FM24VN10)
Low Voltage, Low Power Operation
Low Voltage Operation 2.0V – 3.6V
Active Current < 150 A (typ. @ 100KHz)
90 A Standby Current (typ.)
5 A Sleep Mode Current (typ.)
Industry Standard Configuration
Industrial Temperature -40 C to +85 C
8-pin “Green”/RoHS SOIC Package
Description
The FM24V10 is a 1-megabit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 10 years
while eliminating the complexities, overhead, and
system
level
reliability
problems
caused
by
EEPROM and other nonvolatile memories.
The FM24V10 performs write operations at bus
speed. No write delays are incurred. The next bus
cycle may commence immediately without the need
for data polling. In addition, the product offers write
endurance
orders
of
magnitude
higher
than
EEPROM. Also, F-RAM exhibits much lower power
during writes than EEPROM since write operations
do not require an internally elevated power supply
voltage for write circuits.
These capabilities make the FM24V10 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time
of EEPROM
can cause
data
loss.
The
combination of features allows more frequent data
writing with less overhead for the system.
The FM24V10 provides substantial benefits to users
of serial EEPROM, yet these benefits are available in
a hardware drop-in replacement. The devices are
available in industry standard 8-pin SOIC package
using a familiar two-wire (I
2C) protocol. The
FM24VN10 is offered with a unique serial number
that is read-only and can be used to identify a board
or system. Both devices incorporate a read-only
Device ID that allows the host to determine the
manufacturer, product density, and product revision.
The devices are guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
NC
A1
A2
VSS
VDD
WP
SCL
SDA
1
2
3
4
8
7
6
5
Pin Name
Function
A1, A2
Device Select Address
SDA
Serial Data/address
SCL
Serial Clock
WP
Write Protect
VDD
Supply Voltage
VSS
Ground


Podobny numer części - FM24V10-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM24V10-GTR RAMTRON-FM24V10-GTR Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
FM24V10-GTR RAMTRON-FM24V10-GTR Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10-GTR CYPRESS-FM24V10-GTR Datasheet
417Kb / 17P
   1Mb Serial 3V F-RAM Memory
More results

Podobny opis - FM24V10-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
FM25V10 CYPRESS-FM25V10_13 Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10_10 Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10_13 Datasheet
417Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM24V10 RAMTRON-FM24V10 Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10 CYPRESS-FM25V10 Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com