Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25V01-GTR Arkusz danych(PDF) 11 Page - Cypress Semiconductor

Numer części FM25V01-GTR
Szczegółowy opis  128Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V01-GTR Arkusz danych(HTML) 11 Page - Cypress Semiconductor

Back Button FM25V01-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25V01-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25V01-GTR Datasheet HTML 9Page - Cypress Semiconductor FM25V01-GTR Datasheet HTML 10Page - Cypress Semiconductor FM25V01-GTR Datasheet HTML 11Page - Cypress Semiconductor FM25V01-GTR Datasheet HTML 12Page - Cypress Semiconductor FM25V01-GTR Datasheet HTML 13Page - Cypress Semiconductor FM25V01-GTR Datasheet HTML 14Page - Cypress Semiconductor FM25V01-GTR Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FM25V01 - 128Kb SPI FRAM
Document Number: 001-84492 Rev. *B
Page 11 of 18
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any pin with respect to VSS
-1.0V to +4.5V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55 C to + 125 C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
TBD
1.25kV
200V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 2.0V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.0
3.3
3.6
V
IDD
Power Supply Operating Current
@
C = 1 MHz
@
C = 40 MHz
0.12
1.3
0.22
2.5
mA
mA
1
ISB
Standby Current
90
150
A
2
IZZ
Sleep Mode Current
5
8
A
3
ILI
Input Leakage Current
-
1
A
4
ILO
Output Leakage Current
-
1
A
4
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH1
Output High Voltage (IOH = -1 mA, VDD=2.7V)
2.4
-
V
VOH2
Output High Voltage (IOH = -100 A)
VDD-0.2
-
V
VOL1
Output Low Voltage (IOL = 2 mA, VDD=2.7V)
-
0.4
V
VOL2
Output Low Voltage (IOL = 150 A)
-
0.2
V
RIN
Input Resistance (/HOLD pin)
For VIN = VIH (min)
For VIN = VIL (max)
40
1
K
M
5
Notes
1.
C toggling between VDD-0.2V and VSS, other inputs VSS or VDD-0.2V.
2.
/S=VDD. All inputs VSS or VDD.
3.
In Sleep mode and /S=VDD. All inputs VSS or VDD.
4.
VSS
VIN
VDD and VSS
VOUT
VDD.
5.
The input pull-up circuit is stronger (> 40K ) when the input voltage is above VIH and weak (> 1M ) when the input
voltage is below VIL.
Data Retention (TA = -40 C to + 85 C)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years


Podobny numer części - FM25V01-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
FM25V01-GTR CYPRESS-FM25V01-GTR Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
More results

Podobny opis - FM25V01-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01_13 Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com