Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1179N Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części 2SA1179N
Szczegółowy opis  Low-Frequency General-Purpose Amp Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1179N Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  2SA1179N_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1179N_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1179N_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1179N_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1179N_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SA1179N_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SA1179N_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1179N/2SC2812N
No.7198-4/7
IT04207
0.1
23
5 7 1.0
23
5 7
10
23
5 7 100
0.01
0.001
7
2
7
5
3
2
5
3
7
2
IT04208
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
5
3
0.1
DC
operation
ICP=0.3A
IC=0.15A
10
μs
Ta=25
°C
Mounted on a glass epoxy board (20
✕30✕1.6mm)
For PNP, the minus sign is omitted.
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta


Podobny numer części - 2SA1179N_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SA1179N6-CPA-TB-E ONSEMI-2SA1179N6-CPA-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
2SA1179N6-TB-E ONSEMI-2SA1179N6-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
logo
Sanyo Semicon Device
2SA1179N SANYO-2SA1179N_06 Datasheet
40Kb / 4P
   Low-Frequency General-Purpose Amp Applications
More results

Podobny opis - 2SA1179N_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
   Low-Frequency General-Purpose Amp Applications????
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
   Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
   Low-Frequency General-Purpose Amp Applications???
FC117 SANYO-FC117 Datasheet
75Kb / 3P
   Low-Frequency General-Purpose Amp Applications
FC118 SANYO-FC118 Datasheet
77Kb / 3P
   Low-Frequency General-Purpose Amp Applications
2SC4413 SANYO-2SC4413 Datasheet
82Kb / 3P
   Low-Frequency General-Purpose Amp Applications??????????
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
   Low-Frequency General-Purpose Amp Applications???
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SA1882 SANYO-2SA1882 Datasheet
124Kb / 4P
   Low-Frequency General-Purpose Amp Applications?
2SK303 SANYO-2SK303 Datasheet
86Kb / 3P
   Low-Frequency General-Purpose Amp Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com