Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1418 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części 2SA1418
Szczegółowy opis  High-Voltage Switching, Preriver Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1418 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  2SA1418 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1418 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1418 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1418 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1418 Datasheet HTML 5Page - Sanyo Semicon Device 2SA1418 Datasheet HTML 6Page - Sanyo Semicon Device 2SA1418 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1418 / 2SC3648
No.1788-4/7
PC -- Ta
Ambient Temperature, Ta --
°C
A S O
Collector-to-Emitter Voltage, VCE -- V
f T -- IC
Collector-to-Base Voltage, VCB -- V
f T -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
Cob -- VCB
ITR03568
1.0
3
10
5
7
2
3
100
5
7
2
0.01
3
0.1
5
7
5
7
2
3
5
7
2
3
2
1.0
10
1.0
57
3
2
100
57
3
22
1.0
3
2
1.6
1.4
1.8
1.2
0.8
0.4
0.2
0.6
1.0
0
060
80
40
20
140
120
100
160
ITR03569
ITR03570
Mounted
on
a ceramic
board
(250mm
2
0.8mm)
No heat
sink
7
10
53
23
2
7
5
100
For PNP, minus sign is omitted
2SA1418
2SC3648
2SA1418 / 2SC3648
f=1MHz
100ms
DC
operation
2SA1418 / 2SC3648
2
--10
7
5
--100
7
5
32
--1000
7
5
3
100
10
2
3
5
7
2
3
5
2
10
7
5
100
7
5
32
1000
7
5
3
100
10
2
3
5
7
2
3
5
ITR03566
ITR03567
2SC3648
2SA1418
VCE=5V
10V
VCE
=10V
5V
ICP=1.5A
IC=0.7A
Ta=25
°C
Single pulse
Mounted on a ceramic board (250mm2
✕0.8mm)
For PNP, minus sign is omitted


Podobny numer części - 2SA1418

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
   High-Voltage Switching, Predriver Applications
logo
Guangdong Kexin Industr...
2SA1418 KEXIN-2SA1418 Datasheet
497Kb / 3P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418 Datasheet
102Kb / 5P
   High-Voltage Switching, Preriver Applications
logo
ON Semiconductor
2SA1418 ONSEMI-2SA1418 Datasheet
134Kb / 5P
   High-Voltage Switching Preriver Applications
Jan-2011, Rev. 0
2SA1418 ONSEMI-2SA1418 Datasheet
134Kb / 5P
   High-Voltage Switching, Preriver Applications
Jan-2011, Rev. 0
More results

Podobny opis - 2SA1418

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418_10 Datasheet
102Kb / 5P
   High-Voltage Switching, Preriver Applications
logo
ON Semiconductor
2SC3648T ONSEMI-2SC3648T Datasheet
134Kb / 5P
   High-Voltage Switching, Preriver Applications
Jan-2011, Rev. 0
2SA1418 ONSEMI-2SA1418 Datasheet
134Kb / 5P
   High-Voltage Switching Preriver Applications
Jan-2011, Rev. 0
2SC3648S ONSEMI-2SC3648S Datasheet
134Kb / 5P
   High-Voltage Switching, Preriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com