Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4614 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części 2SC4614
Szczegółowy opis  High-Voltage Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4614 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  2SC4614 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SA1770 / 2SC4614
No.3578-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)120V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)100mA
140*
400*
hFE2VCE=(--)5V, IC=(--)10mA
80
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
120
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(22)14
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)500mA, IB=(--)50mA
(--200)130
(--500)450
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)180
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)160
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
40(40)
ns
Storage Time
tstg
(0.7)1.2
μs
Fall Time
tf
(40)80
ns
* : The 2SA1770/2SC4614 are classified by 100mA hFE as follows :
Rank
S
T
hFE
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA1770S-AN
NMP(Taping)
2,500pcs./box
Pb Free
2SA1770T-AN
NMP(Taping)
2,500pcs./box
2SC4614S-AN
NMP(Taping)
2,500pcs./box
2SC4614T-AN
NMP(Taping)
2,500pcs./box
VR
RL
VCC= --100V
VBE=5V
IC=10IB1= --10IB2= --0.7A
+
+
50Ω
INPUT
OUTPUT
RB
100μF
470μF
PW=20μs
IB1
IB2
D.C.≤1%
VR
RL
VCC=100V
VBE= --5V
IC=10IB1= --10IB2=0.7A
+
+
50Ω
INPUT
OUTPUT
RB
100μF
470μF
PW=20μs
IB1
IB2
D.C.≤1%
2SC4614
2SA1770


Podobny numer części - 2SC4614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SC4614 SANYO-2SC4614 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4614 SANYO-2SC4614 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC4614S-AN ONSEMI-2SC4614S-AN Datasheet
609Kb / 7P
   Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
logo
Sanyo Semicon Device
2SC4614S-AN SANYO-2SC4614S-AN Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC4614T-AN ONSEMI-2SC4614T-AN Datasheet
609Kb / 7P
   Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
More results

Podobny opis - 2SC4614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com