Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA5693D Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA5693D
Szczegółowy opis  Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5693D Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA5693D Datasheet HTML 1Page - Sanyo Semicon Device LA5693D Datasheet HTML 2Page - Sanyo Semicon Device LA5693D Datasheet HTML 3Page - Sanyo Semicon Device LA5693D Datasheet HTML 4Page - Sanyo Semicon Device LA5693D Datasheet HTML 5Page - Sanyo Semicon Device LA5693D Datasheet HTML 6Page - Sanyo Semicon Device LA5693D Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA5693D, LA5693MD
No.A2085-2/7
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Control pin voltage
VCONT max
1s
60
V
41
V
Control pin current
ICONT max
11
mA
CK input voltage
VCK max
25
V
Reset pin voltage
V RES(1) max,
V RES(2) max
41
V
Allowable power dissipation
Pd max
LA5693D
500
mW
LA5693MD
350
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* : A PNP transistor is connected to the LA5693D, LA5693M externally to provide a low-saturation voltage regulator.
Therefore, ICONT≈100mA will flow, as starting current, in the VCC range where the output cannot be regulated.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Control pin voltage
VCONT
6 to 40
V
Control pin current
ICONT max
10
mA
Reset output current
V RES(1) max,
V RES(2) max
External R pull-up
8
mA
Reset detection voltage
VS min
4V
Electrical Characteristics at Ta
= 25°C, VCC = 14V, IO=50mA, unless otherwise specified.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output voltage
VO
4.8
5.0
5.2
V
Line regulation1
ΔVOLN1
9V ≤ VCC ≤ 16V
2
5
mV
Line regulation2
ΔVOLN2
6V ≤ VCC ≤ 40V
4
30
mV
Load regulation
ΔVOLD
1mA ≤ IO ≤ 50mA
4
30
mV
Current dissipation
ICC
IO=0
4.4
6.5
mA
Output noise voltage
VNO
10Hz ≤ f ≤ 100kHz, VCK = 0V
150
μV
Temperature coefficient of
output voltage
∆VO/ΔTa
IO = 5mA, –40°C ≤ Ta ≤ +85°C
±0.2
mV/
°C
Reference voltage
VREF
1.13
1.18
1.23
V
‘H’-level CK input voltage
VIH
2
V
‘L’-level CK input voltage
VIL
0.8
V
‘H’-level CK input current
IIH
VCK = 5V
0.3
0.7
mA
‘L’-level CK input current
IIL
VCK = 0V
-1.0
-0.1
μA
‘H’-level reset output voltage
V ORH(1)/
V ORH(2)
RES(2): 10k
Ω pull-up
4.8
5.0
5.2
V
‘L’-level reset output voltage 1
V ORL(1)1/
V ORL(2)1
RES(2): 10k
Ω pull-up
40
200
mV
‘L’-level reset output voltage 2
V ORL(1)2/
V ORL(2)2
I RES(1) = I RES(2) = 8mA
0.16
0.8
V
CK input pulse width
tCKW
VCK = 5V
3
μs
Reset output delay time
td
Ct = 1μF
7.5
10
12.5
ms
Watchdog time
tWD
Ct = 1μF
30
40
50
ms
Watchdog reset time
tWR
Ct = 1μF
0.1
0.25
0.4
ms
Reset hysteresis voltage
Vhys
VS = 4.5V
100
200
300
mV


Podobny numer części - LA5693D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
More results

Podobny opis - LA5693D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5692D SANYO-LA5692D Datasheet
351Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com