Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75700T Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC75700T
Szczegółowy opis  Key Scan IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75700T Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75700T Datasheet HTML 7Page - Sanyo Semicon Device LC75700T Datasheet HTML 8Page - Sanyo Semicon Device LC75700T Datasheet HTML 9Page - Sanyo Semicon Device LC75700T Datasheet HTML 10Page - Sanyo Semicon Device LC75700T Datasheet HTML 11Page - Sanyo Semicon Device LC75700T Datasheet HTML 12Page - Sanyo Semicon Device LC75700T Datasheet HTML 13Page - Sanyo Semicon Device LC75700T Datasheet HTML 14Page - Sanyo Semicon Device LC75700T Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Example: When control data “KP1 and KP2 = 0, KC1 to KC5 = 0, KC6 = 1” are executed.
(i.e.key scanning with only KS6 high.)
No. 7632-11/16
LC75700T
KI3
KI4
KI2
KI1
KI5
*3
[H] KS6
[L] KS5
[L] KS4
[L] KS3
[L] KS2
[L] KS1
When any one of these keys is pressed, the
oscillator on the OSC pin is started and the
keys are scanned.
*3. These diodes are required to reliabled recognize multiple key presses of keys on the KS6 line when state with
only KS6 high, as in the above example. That is, these diodes prevent incorrect operations due to sneak currents
in the KS6 key scan output signal keys on the KS1 to KS5 lines are pressed at the same time.
Key data read request
Key data read
Key data read
DO
DI
Serial data transfer
Key address (63H)
Key address
Serial data transfer
Serial data transfer
CE
Key scan
Key input
(KS6 line)
615T[s]
Key data read request
615T[s]
T=
1
fosc
Multiple Key Presses
Although this LSI is capable of key scanning without inserting diodes for dual key presses, triple key presses on the
KI1 to KI5 input pin lines, or multiple key presses on the KS1 to KS6 output pin lines, multiple presses other than these
cases may result in keys that were not pressed recognized as having been pressed. Therefore, a diode must be inserted
in series with each key.Applications that do not recognize multiple key presses of three or more keys should check the
key data for three or more 1 bits and ignore such data.


Podobny numer części - LC75700T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75700T ONSEMI-LC75700T Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
LC75700T-MPB-E ONSEMI-LC75700T-MPB-E Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
LC75700T-TLM-E ONSEMI-LC75700T-TLM-E Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
LC75700TS-MPB-E ONSEMI-LC75700TS-MPB-E Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
LC75700TS-TLM-E ONSEMI-LC75700TS-TLM-E Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
More results

Podobny opis - LC75700T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
logo
New Japan Radio
NJU6010 NJRC-NJU6010 Datasheet
217Kb / 13P
   24 keys input key-scan IC
logo
MOSDESIGN SEMICONDUCTOR...
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
logo
List of Unclassifed Man...
MC88A ETC1-MC88A Datasheet
99Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
logo
Integrated Silicon Solu...
IS31IO7326 ISSI-IS31IO7326 Datasheet
369Kb / 14P
   DEBOUNCED 8횞8 KEY-SCAN CONTROLLER
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Tontek Design Technolog...
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
   LCD Driver (19x4) with Key Scan (4x8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com