Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75844M Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC75844M
Szczegółowy opis  1/4-Duty General-Purpose LCD Display Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844M Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC75844M_08 Datasheet HTML 1Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 2Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 3Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 4Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 5Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 6Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 7Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 8Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
80608HKIM B8-8317 / 92299TH(OT) No.6235-1/15
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LC75844M
Overview
The LC75844M is a 1/4 duty general-purpose LCD driver that can be used for frequency display in electronic tuners
under the control of a microcontroller. The LC75844M can drive an LCD with up to 88 segments directly. The
LC75844M can also control up to 4 general-purpose output ports. Since the LC75844M uses separate power supply
systems for the LCD drive block and the logic block, the LCD driver block power-supply voltage can be set to any
voltage in the range 2.7 to 6.0 volts, regardless of the logic block power-supply voltage.
Application
• Car, Home frequency display
Features
• Support for 1/4 duty 1/2 bias or 1/4 duty 1/3 bias drive of up to 88 segments under serial data control.
• Serial data input supports CCB format communication with the system controller.
• Serial data control of the power-saving mode based backup function and all the segments forced off function
• Serial data control of switching between the segment output port and the general-purpose output port functions
• High generality, since display data is displayed directly without decoder intervention.
• Independent VLCD for the LCD driver block (VLCD can be set to any voltage in the range 2.7 to 6.0 volts,
regardless of the logic block power-supply voltage.)
• The INH pin can force the display to the off state.
• RC oscillator circuit
Ordering number : EN6235A
CMOS IC
1/4-Duty General-Purpose
LCD Display Driver
CCB is a trademark of SANYO Electric Co., Ltd.
CCB is SANYO's original bus format and all the bus addresses are controlled by SANYO.


Podobny numer części - LC75844M_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
More results

Podobny opis - LC75844M_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com