Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ665 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części 2SJ665
Szczegółowy opis  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ665 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  2SJ665_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ665_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ665_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ665_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SJ665_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SJ665_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SJ665_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SJ665
No.8590-4/7
--0.1
--1.0
2
2
3
5
7
--10
2
3
5
7
23
5 7
2
--1.0
35 7
2
--10
--0.1
IDP= --108A(PW≤10μs)
ID= --27A
100
μs
10
μs
1ms
10ms
100ms
DC
operation
Operation in
this area is
limited by RDS(on).
35 7
2
--100
--100
2
3
5
7
IT16904
A S O
VGS -- Qg
PD -- Tc
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
IT08798
020
10
30
40
80
70
50
60
0
--2
--4
--6
--8
--9
--1
--3
--5
--7
--10
VDS= --50V
ID= --27A
IT08758
0
0
20
40
60
80
100
120
60
70
65
50
140
160
40
30
20
10
Tc=25
°C
Single pulse


Podobny numer części - 2SJ665_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SJ665-DL-1E ONSEMI-2SJ665-DL-1E Datasheet
297Kb / 7P
   P-Channel Power MOSFET
July, 2013
More results

Podobny opis - 2SJ665_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com