Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6480HTR Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części L6480HTR
Szczegółowy opis  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480HTR Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button L6480HTR Datasheet HTML 6Page - STMicroelectronics L6480HTR Datasheet HTML 7Page - STMicroelectronics L6480HTR Datasheet HTML 8Page - STMicroelectronics L6480HTR Datasheet HTML 9Page - STMicroelectronics L6480HTR Datasheet HTML 10Page - STMicroelectronics L6480HTR Datasheet HTML 11Page - STMicroelectronics L6480HTR Datasheet HTML 12Page - STMicroelectronics L6480HTR Datasheet HTML 13Page - STMicroelectronics L6480HTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Electrical data
L6480
10/73
Doc ID 023278 Rev 3
2.2
Recommended operating conditions
2.3
Thermal data
Vin
Logic inputs voltage range
-0.3 to 5.5
V
TOP Ts
Storage and operating
junction
-40 to 150
°C
Ptot
Total power dissipation (Tamb
= 25 ºC)
(1)
4W
1.
HTSSOP38 mounted on a four-layer FR4 PCB with a dissipating copper surface of about 30 cm2.
Table 2.
Absolute maximum ratings (continued)
Symbol
Parameter
Test condition
Value
Unit
Table 3.
Recommended operating conditions
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Logic interface supply voltage
3.3 V logic outputs
3.3
V
5 V logic outputs
5
VREG
Logic supply voltage
3.3
V
VS
Motor supply voltage
VSREG
85
V
VSREG
Internal VCC voltage regulator
VCC voltage internally
generated
VCC +3
Vs
V
VCC
Gate driver supply voltage
VCC voltage imposed by
external source (VSREG
= VCC)
7.5
15
V
VCCREG
Internal VREG voltage regulator
supply voltage
VREG voltage internally
generated
6.3
VCC
V
VADC
Integrated ADC input voltage
(ADCIN pin)
0VREG
V
Table 4.
Thermal data
Symbol
Parameter
Package
Typ.
Unit
Rthj-a
Thermal resistance junction-to-ambient
HTSSOP38(1)
1.
HTSSOP38 mounted on a four-layer FR4 PCB with a dissipating copper surface of about 30 cm2.
31
°C/W


Podobny numer części - L6480HTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6482 STMICROELECTRONICS-L6482 Datasheet
1,012Kb / 73P
   cSPIN?? microstepping motor controller with motion engine and SPI
L6482H STMICROELECTRONICS-L6482H Datasheet
1,012Kb / 73P
   cSPIN?? microstepping motor controller with motion engine and SPI
L6482HTR STMICROELECTRONICS-L6482HTR Datasheet
1,012Kb / 73P
   cSPIN?? microstepping motor controller with motion engine and SPI
logo
Hamamatsu Corporation
L6486 HAMAMATSU-L6486 Datasheet
123Kb / 2P
   Plastic package LED for camera auto-focus
More results

Podobny opis - L6480HTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
   Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
   Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
logo
Allegro MicroSystems
A4989 ALLEGRO-A4989 Datasheet
497Kb / 17P
   The A4989 is a dual full-bridge gate driver with integrated microstepping translator suitable for driving a wide range of higher power industrial bipolar 2-phase stepper motors (typically 30 to 500 W).
logo
STMicroelectronics
AN2839 STMICROELECTRONICS-AN2839 Datasheet
1Mb / 40P
   L6228 fully-integrated two-phase stepper motor driver
AN979 STMICROELECTRONICS-AN979 Datasheet
145Kb / 14P
   DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
   The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
   L9942 stepper motor driver for bipolar stepper motors
logo
TRINAMIC Motion Control...
TMC5031 TRINAMIC-TMC5031 Datasheet
1Mb / 63P
   Dual, cost-effective controller and driver for up to two 2-phase bipolar stepper motors.
logo
STMicroelectronics
AN1451 STMICROELECTRONICS-AN1451 Datasheet
1Mb / 43P
   L6208 FULLY INTEGRATED TWO PHASE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com