Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9250BCPZRL7-170 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9250BCPZRL7-170
Szczegółowy opis  14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9250BCPZRL7-170 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9250BCPZRL7-170 Datasheet HTML 4Page - Analog Devices AD9250BCPZRL7-170 Datasheet HTML 5Page - Analog Devices AD9250BCPZRL7-170 Datasheet HTML 6Page - Analog Devices AD9250BCPZRL7-170 Datasheet HTML 7Page - Analog Devices AD9250BCPZRL7-170 Datasheet HTML 8Page - Analog Devices AD9250BCPZRL7-170 Datasheet HTML 9Page - Analog Devices AD9250BCPZRL7-170 Datasheet HTML 10Page - Analog Devices AD9250BCPZRL7-170 Datasheet HTML 11Page - Analog Devices AD9250BCPZRL7-170 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9250
Data Sheet
Rev. 0 | Page 8 of 44
SWITCHING SPECIFICATIONS
Table 4.
AD9250-170
AD9250-250
Parameter
Symbol
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Conversion Rate1
f
S
Full
40
170
40
250
MSPS
SYSREF± Setup Time to Rising Edge CLK±2
t
SYSR_S
Full
0.75
0.75
ns
SYSREF± Hold Time from Rising Edge CLK±2
t
SYSR_H
Full
0
0
ns
CLK± Pulse Width High
t
CH
Divide-by-1 Mode, DCS Enabled
Full
2.61
2.9
3.19
1.8
2.0
2.2
ns
Divide-by-1 Mode, DCS Disabled
Full
2.76
2.9
3.05
1.9
2.0
2.1
ns
Divide-by-2 Mode Through Divide-by-8 Mode
Full
0.8
0.8
ns
Aperture Delay
t
A
Full
1.0
1.0
ns
Aperture Uncertainty (Jitter)
t
J
Full
0.16
0.16
ps rms
DATA OUTPUT PARAMETERS
Data Output Period or Unit Interval (UI)
Full
L/(20 × M × f
S)
L/(20 × M × f
S)
Seconds
Data Output Duty Cycle
25°C
50
50
%
Data Valid Time
25°C
0.84
0.78
UI
PLL Lock Time (t
LOCK)
25°C
25
25
µs
Wake-Up Time
Standby
25°C
10
10
µs
ADC (Power-Down)3
25°C
250
250
µs
Output (Power-Down)4
25°C
50
50
µs
SYNCINB± Falling Edge to First K.28 Characters
Full
4
4
Multiframes
CGS Phase K.28 Characters Duration
Full
1
1
Multiframe
Pipeline Delay
JESD204B M1, L1 Mode (Latency)
Full
36
36
Cycles5
JESD204B M1, L2 Mode (Latency)
Full
59
59
Cycles
JESD204B M2, L1 Mode (Latency)
Full
25
25
Cycles
JESD204B M2, L2 Mode (Latency)
Full
36
36
Cycles
Fast Detect (Latency)
Full
7
7
Cycles
Data Rate per Lane
Full
3.4
5.0
5.0
Gbps
Uncorrelated Bounded High Probability (UBHP) Jitter
Full
6
8
ps
Random Jitter
At 3.4 Gbps
Full
2.3
ps rms
At 5.0 Gbps
Full
1.7
ps rms
Output Rise/Fall Time
Full
60
60
ps
Differential Termination Resistance
25°C
100
100
Out-of-Range Recovery Time
Full
3
3
Cycles
1 Conversion rate is the clock rate after the divider.
2 Refer to Figure 3 for timing diagram.
3 Wake-up time ADC is defined as the time required for the ADC to return to normal operation from power-down mode.
4 Wake-up time output is defined as the time required for JESD204B output to return to normal operation from power-down mode.
5 Cycles refers to ADC conversion rate cycles.


Podobny numer części - AD9250BCPZRL7-170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9250BCPZRL7-170 AD-AD9250BCPZRL7-170 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
More results

Podobny opis - AD9250BCPZRL7-170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com