Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ10000 Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MJ10000
Szczegółowy opis  20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10000 Arkusz danych(HTML) 4 Page - Motorola, Inc

  MJ10000 Datasheet HTML 1Page - Motorola, Inc MJ10000 Datasheet HTML 2Page - Motorola, Inc MJ10000 Datasheet HTML 3Page - Motorola, Inc MJ10000 Datasheet HTML 4Page - Motorola, Inc MJ10000 Datasheet HTML 5Page - Motorola, Inc MJ10000 Datasheet HTML 6Page - Motorola, Inc MJ10000 Datasheet HTML 7Page - Motorola, Inc MJ10000 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJ10000
4
Motorola Bipolar Power Transistor Device Data
IC(pk)
t
t1
tf
t
IC
VCE
VCEO(sus)
VCEX(sus) AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
Lcoil = 10 mH, VCC = 10 V
Rcoil = 0.7 Ω
Vclamp = VCEO(sus)
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
Vclamp = Rated VCEX Value
VCC = 250 V
RL = 25 Ω
Pulse Width = 50
µs
t2
TIME
tf CLAMPED
VCE or
Vclamp
tf UNCLAMPED [ t2
20
1
0
PW Varied to Attain
IC = 250 mA
2
INDUCTIVE TEST CIRCUIT
INDUCTIVE TEST CIRCUIT
t1 Adjusted to
Obtain IC
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
OUTPUT WAVEFORMS
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
1
2
TUT
RL
VCC
t1 ≈
Lcoil (IC
pk
)
VCC
t2 ≈
Lcoil (IC
pk
)
VClamp
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
Table 1. Test Conditions for Dynamic Performance
Figure 7. Inductive Switching Measurements
TIME
tsv
trv
tfi
tti
90% Vclamp
tc
90% IB1
IB
10%
IC
2%
IC
Vclamp
IC
Vclamp
10%
Vclamp
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power supplies
and hammer drivers, current and voltage waveforms are not
in phase. Therefore, separate measurements must be made
on each waveform to determine the total switching time. For
this reason, the following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% Vclamp
trv = Voltage Rise Time, 10–90% Vclamp
tfi = Current Fall Time, 90–10% IC
tti = Current Tail, 10–2% IC
tc = Crossover Time, 10% Vclamp to 10% IC
An enlarged portion of the turn–off waveforms is shown in
Figure 7 to aid in the visual identity of these terms.


Podobny numer części - MJ10000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
logo
Wing Shing Computer Com...
MJ10000 WINGS-MJ10000 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10000 BOCA-MJ10000 Datasheet
195Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ10000 NJSEMI-MJ10000 Datasheet
100Kb / 2P
   NPN Silicon Power Darlington Transistor
More results

Podobny opis - MJ10000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10009 MOTOROLA-MJ10009 Datasheet
235Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
   20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
logo
Motorola, Inc
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com