Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ10000 Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MJ10000
Szczegółowy opis  20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10000 Arkusz danych(HTML) 7 Page - Motorola, Inc

  MJ10000 Datasheet HTML 1Page - Motorola, Inc MJ10000 Datasheet HTML 2Page - Motorola, Inc MJ10000 Datasheet HTML 3Page - Motorola, Inc MJ10000 Datasheet HTML 4Page - Motorola, Inc MJ10000 Datasheet HTML 5Page - Motorola, Inc MJ10000 Datasheet HTML 6Page - Motorola, Inc MJ10000 Datasheet HTML 7Page - Motorola, Inc MJ10000 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MJ10000
7
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. ALL RULES AND NOTES ASSOCIATED WITH
REFERENCED TO–204AA OUTLINE SHALL APPLY.
STYLE 1:
PIN 1. BASE
2. EMITTER
CASE: COLLECTOR
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.550 REF
39.37 REF
B
–––
1.050
–––
26.67
C
0.250
0.335
6.35
8.51
D
0.038
0.043
0.97
1.09
E
0.055
0.070
1.40
1.77
G
0.430 BSC
10.92 BSC
H
0.215 BSC
5.46 BSC
K
0.440
0.480
11.18
12.19
L
0.665 BSC
16.89 BSC
N
–––
0.830
–––
21.08
Q
0.151
0.165
3.84
4.19
U
1.187 BSC
30.15 BSC
V
0.131
0.188
3.33
4.77
A
N
E
C
K
–T– SEATING
PLANE
2 PL
D
M
Q
M
0.13 (0.005)
Y M
T
M
Y
M
0.13 (0.005)
T
–Q–
–Y–
2
1
U
L
G
B
V
H
CASE 1–07
TO–204AA (TO–3)
ISSUE Z


Podobny numer części - MJ10000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
logo
Wing Shing Computer Com...
MJ10000 WINGS-MJ10000 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10000 BOCA-MJ10000 Datasheet
195Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ10000 NJSEMI-MJ10000 Datasheet
100Kb / 2P
   NPN Silicon Power Darlington Transistor
More results

Podobny opis - MJ10000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10009 MOTOROLA-MJ10009 Datasheet
235Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
   20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
logo
Motorola, Inc
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com